Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1075MP Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MSC1075MP
Description  RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MSC1075MP Datasheet(HTML) 1 Page - Advanced Power Technology

  MSC1075MP Datasheet HTML 1Page - Advanced Power Technology MSC1075MP Datasheet HTML 2Page - Advanced Power Technology MSC1075MP Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1075MP
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The MSC1075MP is a gold-metallized silicon, NPN power transistor
designed for applications requiring high peak power and low duty
cycles, such as IFF, DME, and TACAN. It is packaged in the .280"
input-matched stripline flange package, resulting in improved
broadband performance and low thermal resistance.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
65
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
5.5
A
PDISS
Power Dissipation
218.7
W
TJ
Junction Temperature
+ 200
°°C
TSTG
Storage Temperature
–65 to +150
°°C
THERMAL DATA
RTH(j-c)
Junction-Case Thermal Resistance
0.8
°°C/W
Features
Features
• DESIGNED FOR HIGH POWER PULSED IFF, DME,
TACAN APPLICATIONS
• 80 W (typ.) IFF 1030 – 1090 MHz
• 75 W (min.) DME 1025 – 1150 MHz
• 50 W (typ.) TACAN 960 –1215 MHz
• 8.0 dB MIN. GAIN
• REFRACTORY GOLD METALLIZATION
• EMITTER BALLASTING AND LOW THERMAL
RESISTANCE FOR RELIABILITY AND RUGGEDNESS
• INFINITE LOAD VSWR CAPABILITY AT SPECIFIED
OPERATING CONDITIONS
• INPUT MATCHED COMMON BASE CONFIGURATION
RF AND MICROWAVE TRANSISTORS
HF SSB APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MSC1075MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSC1000-029 ETC1-MSC1000-029 Datasheet
193Kb / 2P
Analog Multiplexer Module (16 Channel)
logo
STMicroelectronics
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC1000MP STMICROELECTRONICS-MSC1000MP Datasheet
98Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC1004 STMICROELECTRONICS-MSC1004 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
12-Jun-1995
MSC1004 STMICROELECTRONICS-MSC1004 Datasheet
42Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
12-Jun-1995
More results

Similar Description - MSC1075MP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1011 ADPOW-MS1011 Datasheet
97Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1204 ADPOW-MS1204 Datasheet
102Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1006 ADPOW-MS1006 Datasheet
104Kb / 3P
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com