Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-82B2A Datasheet(PDF) 21 Page - ABLIC Inc.

Part # S-82B2A
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82B2A Datasheet(HTML) 21 Page - ABLIC Inc.

Back Button S-82B2A Datasheet HTML 17Page - ABLIC Inc. S-82B2A Datasheet HTML 18Page - ABLIC Inc. S-82B2A Datasheet HTML 19Page - ABLIC Inc. S-82B2A Datasheet HTML 20Page - ABLIC Inc. S-82B2A Datasheet HTML 21Page - ABLIC Inc. S-82B2A Datasheet HTML 22Page - ABLIC Inc. S-82B2A Datasheet HTML 23Page - ABLIC Inc. S-82B2A Datasheet HTML 24Page - ABLIC Inc. S-82B2A Datasheet HTML 25Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
S-82B2A/B Series
21
19. CO pin resistance "H"
(Test circuit 4)
The CO pin resistance "H" (RCOH) is the resistance between VDD pin and CO pin under the set conditions of V1 = V2 =
3.4 V, V3 = V6 = 0 V, V4 = 6.4 V.
20. CO pin resistance "L"
(Test circuit 4)
The CO pin resistance "L" (RCOL) is the resistance between VM pin and CO pin under the set conditions of V1 = V2 =
4.9 V, V3 = V6 = 0 V, V4 = 0.4 V.
21. DO pin resistance "H"
(Test circuit 4)
The DO pin resistance "H" (RDOH) is the resistance between VDD pin and DO pin under the set conditions of V1 = V2 =
3.4 V, V3 = V6 = 0 V, V5 = 6.4 V.
22. DO pin resistance "L"
(Test circuit 4)
The DO pin resistance "L" (RDOL) is the resistance between VSS pin and DO pin under the set conditions of V1 = V2 =
1.8 V, V3 = V6 = 0 V, V5 = 0.4 V.
23. Overcharge detection delay time
(Test circuit 5)
After setting V1 = V2 = 3.4 V, V3 = V6 = V7 = 0 V, the voltage V1 is increased. The time interval from when the voltage
V1 exceeds VCU until VCO goes to "L" is the overcharge detection delay time (tCU).
24. Overdischarge detection delay time
(Test circuit 5)
After setting V1 = V2 = 3.4 V, V3 = V6 = V7 = 0 V, the voltage V1 is decreased. The time interval from when the voltage
V1 falls below VDL until VDO goes to "L" is the overdischarge detection delay time (tDL).
25. Discharge overcurrent n detection delay time
(Test circuit 5)
After setting V1 = V2 = 3.4 V, V3 = 1.0 V, V6 = V7 = 0 V, the voltage V6 is increased. The time interval from when the
voltage V6 exceeds VDIOVn until VDO goes to "L" is the discharge overcurrent n detection delay time (tDIOVn).
26. Load short-circuiting detection delay time
(Test circuit 5)
After setting V1 = V2 = 3.4 V, V3 = 1.0 V, V6 = V7 = 0 V, the voltage V6 is increased. The time interval from when the
voltage V6 exceeds VSHORT until VDO goes to "L" is the load short-circuiting detection delay time (tSHORT).
27. Charge overcurrent detection delay time
(Test circuit 5)
After setting V1 = V2 = 3.4 V, V3 = V6 = V7 = 0 V, the voltage V6 is decreased. The time interval from when the voltage
V6 falls below VCIOV until VCO goes to "L" is the charge overcurrent detection delay time (tCIOV).
Remark n = 1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com