Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1014-06 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # SD1014-06
Description  RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

SD1014-06 Datasheet(HTML) 2 Page - Advanced Power Technology

  SD1014-06 Datasheet HTML 1Page - Advanced Power Technology SD1014-06 Datasheet HTML 2Page - Advanced Power Technology SD1014-06 Datasheet HTML 3Page - Advanced Power Technology SD1014-06 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD1014-06
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPE
ELECTRICAL SPECIFICATIONS (Tcase = 25
CIFICATIONS (Tcase = 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCES
IC = 10 mA
VBE = 0 V
36
---
---
V
BVCEO
IC = 20 mA
IB = 0 mA
18
---
---
V
BVEBO
IE = 2 mA
IC = 0 mA
4.0
---
---
V
ICBO
VCB = 15 V
IE = 0 mA
---
---
0.5
mA
HFE
VCE = 5 V
IC = 500 mA
5
---
200
---
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 175 MHz
PIN = 3.5W
VCE = 12.5V
15
---
---
W
ηη
C
f = 175 MHz
PIN = 3.5W
VCE = 12.5V
60
---
---
%
GP
f = 175 MHz
PIN = 3.5W
VCE = 12.5V
6.3
----
---
dB
COB
f = 1 MHz
VCB = 15V
---
---
85
pf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com