Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1420-01 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # SD1420-01
Description  RF AND MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

SD1420-01 Datasheet(HTML) 2 Page - Advanced Power Technology

  SD1420-01 Datasheet HTML 1Page - Advanced Power Technology SD1420-01 Datasheet HTML 2Page - Advanced Power Technology SD1420-01 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD1420-01
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCBO
IC = 1 mA
40
V
BVCEO
IC = 1 mA
28
V
BVEBO
IE = 1 mA
3.5
V
ICES
VCB = 24 V
.5
mA
hFE
VCE = 5 V
IC = .1 A
20
120
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 960 MHz
VCE = 24 V
ICQ = 200 mA
2.1
W
GP
f = 960 MHz
VCE = 24 V
ICQ = 125 mA
8.9
9.0
dB
COB
f = 1 MHz
VCB = 28 V
5.0
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com