Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152S103XXXX Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 152S103XXXX
Description  7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152S103XXXX Datasheet(HTML) 3 Page - Vishay Siliconix

  152S103XXXX Datasheet HTML 1Page - Vishay Siliconix 152S103XXXX Datasheet HTML 2Page - Vishay Siliconix 152S103XXXX Datasheet HTML 3Page - Vishay Siliconix 152S103XXXX Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 152
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
3
Document Number: 57098
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING CHART
Note
• Nothing stated herein shall be construed as a guarantee of
quality or durability.
MATERIAL SPECIFICATIONS
Housing
Aluminum, anodized
Shaft
Stainless steel, non-magnetic
non-passivated
Rear Lid
Molded glass filled phenolic
Terminals
Brass, plated for solderability
Bushing Mount Hardware
Lockwasher Internal Tooth:
Panel Nut:
Steel, nickel plated
Brass, nickel plated
0
1
2
3
4
AMBIENT TEMPERATURE IN °C
0
20
40
60
80
100 120
140 160
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 Hz
Shock
50 g
Salt Spray
96 h
Rotational Life Shaft
Revolution:
Bushing
1 million
Servo
2 million
Load Life
900 h
Operating Temperature Range
-55 °C to - +125 °C
MARKING
Unit
Identification
Units shall be marked with Vishay Spectrol
name, model number, resistance and
tolerance, linearity terminal identification and
data code.
Applicable test procedures: MIL-R-12934
Example of a marking for a standard part:
152-11202



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com