Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # GPIO
Description  1-wire® bus security module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

GPIO Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  GPIO Datasheet HTML 1Page - Advantech Co., Ltd. GPIO Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovations in Gaming Computing
All product specifications are subject to change without notice
www.advantech-innocore.com
Last updated : 16-Sep-2011
See overleaf for continued specification
Features
GPIO/iButton®
Introduction
Advantech-Innocore's DPX®-Series boards have a GPIO header that is a very flexible multi-purpose interface that can be used to
connect a variety of simple one- or two-wire devices. The Dallas iButton® is one such device and iButton devices are available
for a number of different functions. The GPIO interface supports any 1-wire® bus device and typical uses could include special
purpose I/O, security, memory and data storage.
ƒ Simple solution to add security or other device
ƒ Standard iButton® and custom modules supported
ƒ Supplied driver and SDK
Feature Summary
Easy to use and robust mounting for up to two devices per GPIO board
iButton(s)® are securely attached to the header
Header is mounted to the motherboard by simple bracket which picks up on one of
the motherboard mounting points
How Does The iButton® Work?
Up to two iButtons® can be fitted to a DPX® mainboard using a secure
carrier board. In general the following components are needed for any
iButton® application:
ƒ iButton® and Advantech-Innocore's GPIO iButton®
carrier
ƒ Advantech-Innocore's DPX®-series mainboard
ƒ Software to interface the iButton® to the DPX®
board. Advantech-Innocore provides both
Linux and Windows® builds of the 1-Wire API.
Advantech-Innocore also provides software
samples as well as utilities to aid the software
development process
Key iButton® Features
ƒ Rugged steel container allows for long term durability in harsh environments
ƒ Extremely portable. Can be mounted in watches, rings, keychains etc.
ƒ Self contained, requiring just one data and one ground connection to function
ƒ Unique and unalterable address laser etched onto the chip inside the can
ƒ Tamperproof. Chip erases itself if metal container is opened.
Typical Application of the iButton®
ƒ Store slot machine status information for easy retrieval by slot technicians
ƒ Electronic ID can provide access control to hardware
ƒ E-cash and player tracking system
ƒ Unique ID’s and encryption to lock software against cloning
ƒ RTC (Real – Time – Clock) to control time-restricted licensing in game titles
1-wire® bus security module


Similar Part No. - GPIO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
GPIO4 MICROCHIP-GPIO4 Datasheet
824Kb / 60P
6-Port USB 3.1 Gen 1 Smart Hub
10/25/17
GPIO5 MICROCHIP-GPIO5 Datasheet
824Kb / 60P
6-Port USB 3.1 Gen 1 Smart Hub
10/25/17
GPIO6 MICROCHIP-GPIO6 Datasheet
824Kb / 60P
6-Port USB 3.1 Gen 1 Smart Hub
10/25/17
GPIO66 MICROCHIP-GPIO66 Datasheet
824Kb / 60P
6-Port USB 3.1 Gen 1 Smart Hub
10/25/17
More results

Similar Description - GPIO

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1481 DALLAS-DS1481 Datasheet
69Kb / 10P
1.Wire Bus Master with Overdrive
DS1481S DALLAS-DS1481S Datasheet
69Kb / 10P
1-Wire Bus Master with Overdrive
logo
Maxim Integrated Produc...
DS1WM MAXIM-DS1WM Datasheet
118Kb / 20P
Synthesizable 1-Wire Bus Master
091707
logo
MICORO CRYSTAL SWITZERL...
RV-3049-C2 MICROCRYSTAL-RV-3049-C2 Datasheet
550Kb / 2P
Real Time Clock Module with 4-wire Bus
logo
Dallas Semiconductor
DS1WM DALLAS-DS1WM Datasheet
198Kb / 15P
Synthesizable 1-Wire Bus Master
logo
Maxim Integrated Produc...
DS1481 MAXIM-DS1481 Datasheet
210Kb / 10P
1-Wire Bus Master with Overdrive
061907
logo
Carlo Gavazzi Holding A...
SD2DUG24 CARLOGAVAZZI-SD2DUG24 Datasheet
571Kb / 6P
Dupline® bus generator
06/09/2018
logo
Lapp.
2170620 LAPP-2170620 Datasheet
179Kb / 2P
UNITRONIC® BUS PB ROBUST
01.01.2019
2170630 LAPP-2170630 Datasheet
181Kb / 2P
UNITRONIC® BUS PB 105
01.01.2019
2170856 LAPP-2170856 Datasheet
181Kb / 2P
UNITRONIC® BUS PB TRAY
01.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com