Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4012 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # SD4012
Description  RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

SD4012 Datasheet(HTML) 2 Page - Advanced Power Technology

  SD4012 Datasheet HTML 1Page - Advanced Power Technology SD4012 Datasheet HTML 2Page - Advanced Power Technology SD4012 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12-10-2002
SD4012
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°°°C)
C)
C)
C)
STATIC
STATIC
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 20 mA
IE = 0mA
55
---
---
V
BVEBO
IE = 5 mA
IC = 0 mA
3.5
---
---
V
BVCES
IC = 20 mA
VBE = 0 V
55
---
---
V
BVCEO
IC = 50 mA
IB = 0 mA
30
---
---
V
ICBO
VCB = 30 V
IE = 0 mA
---
---
1
mA
HFE
VCE = 5 V
IC = 1 A
10
---
150
---
DYNAMIC
DYNAMIC
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 400 MHz
PIN = 0.2 W
VCC = 28 V
3.0
---
---
W
ηηηηC
f = 400 MHz
PIN = 0.2 W
VCC = 28 V
---
---
---
%
%
%
%
GP
f = 400 MHz
PIN = 0.2 W
VCC = 28 V
11.7
---
---
dB
VSWR
f = 400 MHz
PIN = 0.2 W
VCC = 28 V
---
---
30:1
W
COB
f = 1 MHz
VCB = 28V
---
---
6
W
IMPEDANCE DATA
IMPEDANCE DATA
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
Ω)
Ω)
ZCL(
Ω)
Ω)
Ω)
Ω)
300 MHz
0.8 – j0.5
33.0 + j57.0
325 MHz
0.9 – j0.2
31.0 + j52.0
350 MHz
1.1 + j.25
28.0 + j49.0
375 MHz
1.5 + j.75
26.0 + j46.0
400 MHz
1.9 + j1.0
23.0 + j45.0
425 MHz
2.5 + j0.7
20.0 + j42.0
450 MHz
3.3 + j0.1
17.0 + j36.0
POUT = 3 W
VCE = 28 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com