Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF151 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # VRF151
Description  N-CHANNEL RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

VRF151 Datasheet(HTML) 4 Page - Advanced Power Technology

  VRF151 Datasheet HTML 1Page - Advanced Power Technology VRF151 Datasheet HTML 2Page - Advanced Power Technology VRF151 Datasheet HTML 3Page - Advanced Power Technology VRF151 Datasheet HTML 4Page - Advanced Power Technology VRF151 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VRF151.PDF 03-23-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
VRF151
PRELIMINARY INFORMATION
Power Out vs. Power In
Power Out vs. Power In
Freq = 175 MHz, Vdd = 50V, IDQ = 250mA
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
Power In (W)
Gain & Efficiency vs. Power Out
Gain & Efficiency vs. Power Out
Freq = 175 MHz, Vdd = 50V, IDQ = 250mA
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
Power Out (W)
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
Gain
Efficiency



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com