Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCXLO-R1U Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DCXLO-R1U
Description  COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCXLO-R1U Datasheet(HTML) 1 Page - Diodes Incorporated

  DCXLO-R1U Datasheet HTML 1Page - Diodes Incorporated DCXLO-R1U Datasheet HTML 2Page - Diodes Incorporated DCXLO-R1U Datasheet HTML 3Page - Diodes Incorporated DCXLO-R1U Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30425 Rev. 5 - 2
1 of 4
www.diodes.com
DCX (LO-R1) U
© Diodes Incorporated
DCX (LO-R1) U
DCX (LO-R1) U
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Built-In Biasing Resistors
•
Lead Free/RoHS Compliant (Note 3)
•
"Green" Device (Note 4 and 5)
Mechanical Data
•
Case: SOT-363
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish - Matte Tin Solderable per MIL-STD-
202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe).
•
Terminal Connections: See Diagram
•
Marking Information: See Page 4
•
Type Code: See Table Below
•
Ordering Information: See Page 4
•
Weight: 0.006 grams (approximate)
P/N
R1 (NOM)
R2 (NOM)
Type Code
DCX122LU
DCX142JU
DCX122TU
DCX142TU
0.22K
0.47K
0.22K
0.47K
10K
10K
OPEN
OPEN
C81
C82
C83
C84
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
⎯
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
0
°
8°
All Dimensions in mm
A
M
J
L
D
Maximum Ratings NPN Section
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
DCX122LU
DCX142JU
VIN
-5 to +6
-5 to +6
V
Input Voltage
DCX122TU
DCX142TU
VEBO (MAX)
5
V
Output Current
All
IC
100
mA
Power Dissipation
(Note 1, 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air
(Note 2)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. 150mW per element must not be exceeded.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
R1
R1
R1
R1
R2
R2
B C
H
K
CXX YM
F
R1, R2
R1 Only
SCHEMATIC DIAGRAM


Similar Part No. - DCXLO-R1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCXL ETC-DCXL Datasheet
147Kb / 4P
Ultra Low Pressure Sensors Millivolt Output High Accuracy Compensation Full Scale Pressure Ranges
DCXL01DN ETC-DCXL01DN Datasheet
147Kb / 4P
Ultra Low Pressure Sensors Millivolt Output High Accuracy Compensation Full Scale Pressure Ranges
logo
Sensortechnics GmbH
DCXL01DS SENSORTECHNICS-DCXL01DS Datasheet
78Kb / 5P
SURSENSETM precision very low pressure sensors / mV-output
logo
List of Unclassifed Man...
DCXL01GN ETC-DCXL01GN Datasheet
147Kb / 4P
Ultra Low Pressure Sensors Millivolt Output High Accuracy Compensation Full Scale Pressure Ranges
DCXL05DN ETC-DCXL05DN Datasheet
147Kb / 4P
Ultra Low Pressure Sensors Millivolt Output High Accuracy Compensation Full Scale Pressure Ranges
More results

Similar Description - DCXLO-R1U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX124EU DIODES-DCX124EU Datasheet
120Kb / 8P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DCX124EH DIODES-DCX124EH Datasheet
99Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX122LH DIODES-DCX122LH Datasheet
87Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 2 - 2
DCX122LU DIODES-DCX122LU Datasheet
81Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 3 - 2
DCXU DIODES-DCXU Datasheet
75Kb / 3P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 1 - 1
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX124EH DIODES-DCX124EH_2 Datasheet
240Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 3 - 2
DCX122LU DIODES-DCX122LU_1 Datasheet
211Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 5 - 2
DCX122LH DIODES-DCX122LH_1 Datasheet
206Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 3 - 2
DCX122LU-7 DIODES-DCX122LU-7 Datasheet
211Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com