Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDC124EH Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDC124EH
Description  NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC124EH Datasheet(HTML) 2 Page - Diodes Incorporated

  DDC124EH Datasheet HTML 1Page - Diodes Incorporated DDC124EH Datasheet HTML 2Page - Diodes Incorporated DDC124EH Datasheet HTML 3Page - Diodes Incorporated DDC124EH Datasheet HTML 4Page - Diodes Incorporated DDC124EH Datasheet HTML 5Page - Diodes Incorporated DDC124EH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DDC (XXXX) H
Document number: DS30421 Rev. 5 - 2
2 of 6
www.diodes.com
April 2015
© Diodes Incorporated
DDC (XXXX) H
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
DDC143TH
DDC114TH
VIN
-10 to +40
-10 to +40
-10 to +30
-6 to +40
-5 to +12
-10 to +40
-5V max
-5V max
V
Output Current
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
DDC143TH
DDC114TH
IO
30
30
100
70
100
50
100
100
mA
Output Current
All
IC (Max)
100
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air
(Note 5)
RJA
833
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note:
5. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com