Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCX143TH Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DCX143TH
Description  COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL TRANSISTORS in SOT563
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX143TH Datasheet(HTML) 2 Page - Diodes Incorporated

  DCX143TH Datasheet HTML 1Page - Diodes Incorporated DCX143TH Datasheet HTML 2Page - Diodes Incorporated DCX143TH Datasheet HTML 3Page - Diodes Incorporated DCX143TH Datasheet HTML 4Page - Diodes Incorporated DCX143TH Datasheet HTML 5Page - Diodes Incorporated DCX143TH Datasheet HTML 6Page - Diodes Incorporated DCX143TH Datasheet HTML 7Page - Diodes Incorporated DCX143TH Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DCX (xxxx) H
Document number: DS30422 Rev. 5 - 2
2 of 8
www.diodes.com
August 2018
© Diodes Incorporated
DCX (xxxx) H
Maximum Ratings NPN Section (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
DCX124EH
DCX144EH
DCX143EH
Input Voltage
DCX114YH
DCX123JH
DCX114EH
DCX143TH
DCX114TH
VIN
-10 to +40
-10 to +40
-10 to +30
-6 to +40
-5 to +12
-10 to +40
-5V Max
-5V Max
V
DCX124EH
DCX144EH
DCX143EH
Output Current
DCX114YH
DCX123JH
DCX114EH
DCX143TH
DCX114TH
IO
30
30
100
70
100
50
100
100
mA
Output Current
All
IC (Max)
100
mA
Power Dissipation
(Total)
PD
150
mW
Thermal Resistance, Junction to Ambient Air
(Note 5)
RJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note:
5. Mounted on FR-4 Board with recommended pad layout at http://www.diodes.com/package-outlines.html.
Maximum Ratings PNP Section (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
-50
V
DCX124EH
DCX144EH
DCX143EH
Input Voltage
DCX114YH
DCX123JH
DCX114EH
DCX143TH
DCX114TH
VIN
+10 to -40
+10 to -40
+10 to -30
+6 to -40
+5 to -12
+10 to -40
+5V max
+5V max
V
DCX124EH
DCX144EH
DCX143EH
Output Current
DCX114YH
DCX123JH
DCX114EH
DCX143TH
DCX114TH
IO
-30
-30
-100
-70
-100
-50
-100
-100
mA
Output Current
All
IC (Max)
-100
mA
Power Dissipation
(Total)
PD
150
mW
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com