Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA143TH Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDA143TH
Description  PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA143TH Datasheet(HTML) 2 Page - Diodes Incorporated

  DDA143TH Datasheet HTML 1Page - Diodes Incorporated DDA143TH Datasheet HTML 2Page - Diodes Incorporated DDA143TH Datasheet HTML 3Page - Diodes Incorporated DDA143TH Datasheet HTML 4Page - Diodes Incorporated DDA143TH Datasheet HTML 5Page - Diodes Incorporated DDA143TH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DDA (xxxx) H
Document number: DS30420 Rev. 6 - 2
2 of 6
www.diodes.com
June 2016
© Diodes Incorporated
DDA (xxxx) H
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
-50
V
Input Voltage
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
DDA143TH
DDA114TH
VIN
+10 to -40
+10 to -40
+10 to -30
+6 to -40
+5 to -12
+10 to -40
+5V Max
+5V Max
V
Output Current
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
DDA143TH
DDA114TH
IO
-30
-30
-100
-70
-100
-50
-100
-100
mA
Output Current
All
IC (Max)
-100
mA
Power Dissipation
PD
150
mW
Thermal Resistance, Junction to Ambient Air
(Note 5)
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note:
5. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/package-outlines.html.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com