Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS40DPR Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCS40DPR
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCS40DPR Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TCS40DPR Datasheet HTML 1Page - Toshiba Semiconductor TCS40DPR Datasheet HTML 2Page - Toshiba Semiconductor TCS40DPR Datasheet HTML 3Page - Toshiba Semiconductor TCS40DPR Datasheet HTML 4Page - Toshiba Semiconductor TCS40DPR Datasheet HTML 5Page - Toshiba Semiconductor TCS40DPR Datasheet HTML 6Page - Toshiba Semiconductor TCS40DPR Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TCS40DPR
2015-04-03
6
Layout of Sensor Element
Note: Dimensional tolerances are ±0.1 mm, unless otherwise specified.
Unit: mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com