Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD620CS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SD620CS
Description  DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 6.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD620CS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SD620CS Datasheet HTML 1Page - Pan Jit International Inc. SD620CS Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE 1
Part Number: SD620CS - SD6100CS
SD620CS Thru SD6100CS
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 to 100 Volts CURRENT - 6.0 Amperes
FEATURES
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier majority carrier conduction
• Low power loss, High efficiency
• High current capability, low VF
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling, and
polarity protection applications
• High temperature soldering guaranteed:260°C/10 seconds at terminals
MECHANICAL DATA
Case: D PAK/TO-252 molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
Polarity: Color band denotes cathode
Standard packaging: 16mm tape (EIA-481)
Weight: 0.015 ounce, 0.4 gram.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified.
Resistive or inductive load.
NOTES:
1. Pulse Test with PW=300µsec, 2% Duty Cycle.
2. Mounted on P.C. Board with 14mm2 (.013mm thick) copper pad areas.
4
3
2
1
.106(2.7)
.090(2.3)
.09
(2.3)
.09
(2.3)
.032(0.8)
.012(0.3)
.02(.5)
.071(1.8)
.051(1.3)
3
2
1
4
.264(6.7)
.248(6.3)
.216(5.5)
.200(5.1)
.098(2.5)
.082(2.1)
.024(0.6)
.016(0.4)
DPAK / TO-252
S
L
O
B
M
Y
SS
C
0
2
6
D
SS
C
0
3
6
D
SS
C
0
4
6
D
SS
C
0
5
6
D
SS
C
0
6
6
D
SS
C
0
8
6
D
SS
C
0
0
1
6
D
SS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV RRM
0
20
30
40
50
60
80
0
1s
t
l
o
V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV RMS
4
11
28
25
32
46
50
7s
t
l
o
V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV DC
0
20
30
40
50
60
80
0
1s
t
l
o
V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
C
5
7
=
oC
I(AV)0
.
60
.
60
.
60
.
60
.
60
.
60
.
6s
p
m
A
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
I FSM
5
75
75
75
75
75
75
7s
p
m
A
A
0
.
3
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
)
1
e
t
o
N
(
V F
5
5
.
05
5
.
05
5
.
00
7
.
00
7
.
05
8
.
05
8
.
0s
t
l
o
V
T
)
1
e
t
o
N
(
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
A
0
0
1
=
oC
I R
2
.
0
0
2
2
.
0
0
2
2
.
0
0
2
2
.
0
0
2
2
.
0
0
2
2
.
0
0
2
2
.
0
0
2
A
m
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
M
R
θ C
J
R
θ A
J
6
0
8
6
0
8
6
0
8
6
0
8
6
0
8
6
0
8
6
0
8
o
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT J
5
2
1
+
o
t
5
5
-
oC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST STG
0
5
1
+
o
t
5
6
-
oC


Similar Part No. - SD620CS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD620CS WTE-SD620CS Datasheet
45Kb / 3P
6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SD620CS PANJIT-SD620CS Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD620CS PANJIT-SD620CS Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SD620CS-T3 WTE-SD620CS-T3 Datasheet
45Kb / 3P
6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SD620CS PANJIT-SD620CS_04 Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD620CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB820D PANJIT-SB820D Datasheet
56Kb / 2P
D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 8.0 Amperes)
SD1020CS PANJIT-SD1020CS Datasheet
34Kb / 2P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD1020S PANJIT-SD1020S Datasheet
35Kb / 2P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD620CT PANJIT-SD620CT Datasheet
41Kb / 2P
SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 6.0 Amperes)
SK22 PANJIT-SK22 Datasheet
58Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
SK32 PANJIT-SK32 Datasheet
61Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Surge Components
SK22 SURGE-SK22 Datasheet
84Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
SK32 SURGE-SK32 Datasheet
80Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Rectron Semiconductor
SR6100CK RECTRON-SR6100CK Datasheet
107Kb / 4P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 6.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com