Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM1002 Datasheet(PDF) 4 Page - Mimix Broadband

Part # XM1002
Description  34.0-46.0 GHz GaAs MMIC Image Reject Mixer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1002 Datasheet(HTML) 4 Page - Mimix Broadband

  XM1002 Datasheet HTML 1Page - Mimix Broadband XM1002 Datasheet HTML 2Page - Mimix Broadband XM1002 Datasheet HTML 3Page - Mimix Broadband XM1002 Datasheet HTML 4Page - Mimix Broadband XM1002 Datasheet HTML 5Page - Mimix Broadband XM1002 Datasheet HTML 6Page - Mimix Broadband XM1002 Datasheet HTML 7Page - Mimix Broadband XM1002 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Mixer Measurements (cont.)
Page 4 of 8
34.0-46.0 GHz GaAs MMIC
Image Reject Mixer
_0421_4samples: LSB Down Conversion gain (dB) vs. RF LSB (GHz)
LO = 12 to 15dBm, IF = 2GHz, RF = -25dBm, Vg = -0.5V
-20
-18
-16
-14
-12
-10
-8
-6
33
35
37
39
41
43
45
RF LSB (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
_0421_4samples: USB Down Conversion gain (dB) vs. RF USB (GHz)
LO = 12 and 15dBm, IF = 2GHz, RF = -25dBm, Vg = -0.5V
-20
-18
-16
-14
-12
-10
-8
-6
35
37
39
41
43
45
RF USB (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
_0421_4samples: USB Down Conversion gain (dB) vs. RF USB (GHz)
LO = 12 and 15dBm, IF = 200MHz, RF = -25dBm, Vg = -0.5V
-20
-18
-16
-14
-12
-10
-8
-6
32
34
36
38
40
42
RF USB (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
_0421_4samples: LSB Down Conversion gain (dB) vs. RF LSB (GHz)
LO = 12 to 15dBm, IF = 200MHz, RF = -25dBm, Vg = -0.5V
-20
-18
-16
-14
-12
-10
-8
-6
32
34
36
38
40
42
RF LSB (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
_0421_4samples: USB Down Conversion gain (dB) vs. RF USB (GHz)
LO = 12 and 15dBm, IF = 20MHz, RF = -25dBm, Vg = -0.5V
-20
-18
-16
-14
-12
-10
-8
-6
32
34
36
38
40
42
RF USB (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
_0421_4samples: LSB Down Conversion gain (dB) vs. RF LSB (GHz)
LO = 12 to 15dBm, IF = 20MHz, RF = -25dBm, Vg = -0.5V
-20
-18
-16
-14
-12
-10
-8
-6
32
34
36
38
40
42
RF LSB (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
M1002
December 2005 - Rev 02-Dec-05
IF=2 GHz
IF=2 GHz
IF=200 MHz
IF=200 MHz
IF=20 MHz
IF=20 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com