Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GVMTCD06 Datasheet(PDF) 1 Page - Belden Inc.

Part # GVMTCD06
Description  Universal (not long. watertight)tight buffered distribution cable LSZH jacket 6f MM OM3. CPR Cca.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GVMTCD06 Datasheet(HTML) 1 Page - Belden Inc.

  GVMTCD06 Datasheet HTML 1Page - Belden Inc. GVMTCD06 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GVMTCD06
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 6f
MM OM3. CPR Cca.
Product Description
Universal (Indoor/Outdoor) dry core (not longitudinal watertight) tight buffered optical fiber distribution cable with Low Smoke Zero Halogen outer jacket. 6
fibers MM OM3. CPR Euroclass Cca.
Technical Specifications
Product Overview
Construction Type:
Distribution
Environmental Space:
Indoor/Outdoor - Euroclass Cca
Suitable Applications:
For outdoor and indoor use in structured (data) wiring systems such as industrial backbone, campus backbone, building backbone (riser) and/or horizontal cabling. For
outdoor and indoor use in networks for industrial, telecom, cable TV and/or broadcast. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Not suitable for blown installation.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
OM3
6
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OM3
Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Cable Core Water Tight:
No
Cable Core Waterblocking:
Waterblocking Glass Yarns
Bulk Cable Weight:
22 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 5.5 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1300 nm:
0.9 dB/km
Max. Attenuation at 850 nm:
2.9 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification


Similar Part No. - GVMTCD06

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GVMTCD04 BELDEN-GVMTCD04 Datasheet
140Kb / 2P
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 4f MM OM3. CPR Cca.
2022 Belden, Inc
More results

Similar Description - GVMTCD06

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GVMTC204 BELDEN-GVMTC204 Datasheet
140Kb / 2P
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 4f MM OM2. CPR Cca.
2022 Belden, Inc
GVMTC206 BELDEN-GVMTC206 Datasheet
140Kb / 2P
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 6f MM OM2. CPR Cca.
2022 Belden, Inc
GVMTC212 BELDEN-GVMTC212 Datasheet
140Kb / 2P
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 12f MM OM2. CPR Cca.
2022 Belden, Inc
GVMTCC06 BELDEN-GVMTCC06 Datasheet
140Kb / 2P
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 6f MM OM5. CPR Cca.
2022 Belden, Inc
GVMTCD04 BELDEN-GVMTCD04 Datasheet
140Kb / 2P
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 4f MM OM3. CPR Cca.
2022 Belden, Inc
GVMTCD24 BELDEN-GVMTCD24 Datasheet
141Kb / 2P
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 24f MM OM3. CPR Cca.
2022 Belden, Inc
GVMTD06 BELDEN-GVMTD06 Datasheet
143Kb / 2P
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 6f MM OM3. CPR Dca.
2022 Belden, Inc
GVMTCD12 BELDEN-GVMTCD12 Datasheet
140Kb / 2P
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 12f MM OM3. CPR Cca.
2022 Belden, Inc
GVMTCE06 BELDEN-GVMTCE06 Datasheet
140Kb / 2P
Universal (not long. watertight)tight buffered distribution cable LSZH jacket 6f MM OM4. CPR Cca.
2022 Belden, Inc
GUMTCD06 BELDEN-GUMTCD06 Datasheet
134Kb / 2P
Universal tight buffered distribution cable LSZH jacket 6f MM OM3. CPR Cca.
2023 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com