Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CABLEOUTPUTPMR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CABLEOUTPUTPMR
Description  Analog Displacement Sensors for Transportation Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CABLEOUTPUTPMR Datasheet(HTML) 2 Page - Vishay Siliconix

  CABLEOUTPUTPMR Datasheet HTML 1Page - Vishay Siliconix CABLEOUTPUTPMR Datasheet HTML 2Page - Vishay Siliconix CABLEOUTPUTPMR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cable Output PMR
www.vishay.com
Vishay MCB
Revision: 06-Sep-16
2
Document Number: 32517
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
OPTIONS (on request)
• Other electrical travel
• Other total resistance
• Other linearity
• No protection resistance (Rp)
• Specific connections
• Other lever
SAP PART NUMBERING GUIDELINES - PMR416
MODEL
TYPE
LEVER TYPE
VALUE
ANGLE
LEADS
PACKAGING
PMR4
06 = cable output
C = lever C
402 = 4K0
250
A = cable
C = 20 pcs
G = 100 pcs
P = 500 pcs
CONNECTIONS
5.9 mm ± 0.2 mm diameter cable outputs, 3 x 0.75 mm2, length 500 mm
DIMENSIONS in millimeters
S.V
250° ± 3°
Total electrical
angle
240° ± 3°
mechanical angle
12.6 ± 0.5
10 ± 0.2
35 ± 0.2
Ø 4.3
+ 0.2
0
Cable Ø 5.9 ± 0.2
3 x 0.75 mm
2
Lever on U/2 position
11.8
17 ± 0.5
3.4 ± 0.15
9 ± 1
1 ± 0.2
5.9
9 + 0.2
0
Rotation
Black
Blue
Maron
R
p
Vs
Ve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com