Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ECS
Description  Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECS Datasheet(HTML) 2 Page - Vishay Siliconix

  ECS Datasheet HTML 1Page - Vishay Siliconix ECS Datasheet HTML 2Page - Vishay Siliconix ECS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series ECS
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
2
Document Number: 54008
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
Notes
(1) On request: Ø 10.3 mm or 12.3 mm
(2) On request: Without antirotation pin
PERFORMANCE
Life (106 cycles)
5
Temperature range
-55 °C to +125 °C
Climatic category
55/125/04
Speed rotation (RPM)
150
Sine vibration on 3 axes
15 g from 10 Hz to 2000 Hz
Mechanical shocks on 3 axes
50 g - 11 ms - half sine
DIMENSIONS in millimeters, general tolerance ± 0.5 mm
REAR VIEW DIMENSIONS in millimeters, general tolerance 0.5 mm
78 PB
78 RB
SIZE 09
8
7.92 ± 0.13
Ø 1.6 ± 0.1
(2)
× 1.6
Ø 22.2 ± 0.13
Ø 9.52
± 0.1
(1)
Ø 9.52 × 0.79
3/
8 - 32 NEF - 2A
Ø 6.35
Ø 8 MAX.
7 MIN.
9.3 ± 0.25
22.2 ± 0.8
8 ± 0.4
2.5 MAX.
78 PS
78 RS
SIZE 09
Ø 22.2 ± 0.13
Ø 3.175
+ 0
- 0.013
Ø 19.8
MAX.
12.7 ± 0.8
12.4 ± 0.4
2.5 max.
1.6
1.6
1.5 MIN.
+ 0.1
- 0.1
+ 0.1
- 0.1
Ø 19.05
+ 0
- 0.05
+ 0.1
- 0.1
General Tolerance ± 0.5 mm
STANDARD
3 TURRETS
SIZE 09
Ø 9.6
1
2
3
90°
Ø 8.6
90°
3
1
Ø 1.6
3.7 MAX.
SPECIAL
(4 TURRETS)
INTERMEDIATE TAP ON REQUEST
2
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com