Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HOLLOWSHAFTPMR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HOLLOWSHAFTPMR
Description  Analog Displacement Sensors for Transportation Applicationss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HOLLOWSHAFTPMR Datasheet(HTML) 2 Page - Vishay Siliconix

  HOLLOWSHAFTPMR Datasheet HTML 1Page - Vishay Siliconix HOLLOWSHAFTPMR Datasheet HTML 2Page - Vishay Siliconix HOLLOWSHAFTPMR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hollow Shaft PMR
www.vishay.com
Vishay MCB
Revision: 09-Sep-15
2
Document Number: 32516
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
OPTIONS (on request)
• Other total electrical travel
• Other total resistance
• Other linearity
• No protection resistance (Rp)
• High temperature sheathed wire outputs
• Specific connections
SAP PART NUMBERING GUIDELINES - PMR427
MODEL
TYPE
LEVER TYPE
VALUE
ANGLE
LEADS
PACKAGING
PMR4
27 = hollow shaft
H = hollow shaft
392 = 3K9
094
W = wire
(for PMR420)
C = 20 pcs
G = 100 pcs
P = 500 pcs
CONNECTIONS
Wire Outputs: -40 °C to +105 °C (3 x 0.93 mm2, length 300 mm)
Sheathed Wire Outputs: -40 °C to +125 °C optional
DIMENSIONS in millimeters
Locking in
mechanical stop
3 wires
Cross-section:
0.93 mm
2
20
12.6 ± 0.5
26° ±
4°
20°
5°
17°
Ø 8.05
-0
/ +0.05
6
4
0
-0.4
1.5
10.5 ± 0.5
5 ± 0.5
17 ± 0.5
Metal insert
thickness 0.5
Rotation
Yellow
Green
Red
R
p
Vs
Ve
Ve
Vs
0 V
Mechanical travel
Electrical travel
α



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com