Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITPR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # KITPR
Description  Kit Potentiometer Rotational Analog Displacement Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITPR Datasheet(HTML) 1 Page - Vishay Siliconix

  KITPR Datasheet HTML 1Page - Vishay Siliconix KITPR Datasheet HTML 2Page - Vishay Siliconix KITPR Datasheet HTML 3Page - Vishay Siliconix KITPR Datasheet HTML 4Page - Vishay Siliconix KITPR Datasheet HTML 5Page - Vishay Siliconix KITPR Datasheet HTML 6Page - Vishay Siliconix KITPR Datasheet HTML 7Page - Vishay Siliconix KITPR Datasheet HTML 8Page - Vishay Siliconix KITPR Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
KITPR
www.vishay.com
Vishay MCB
Revision: 21-Nov-2019
1
Document Number: 32545
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Kit Potentiometer Rotational Analog Displacement Sensor
FEATURES
• Conductive plastic potentiometer technology, infinite
resolution
• Analog or digital output
• Low height
• High flexibility of wires
• Applicable standards: NFC 93255, MIL R39023
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by wires
Market appliance
Industrial, avionics
Dimensions
16 mm, 18 mm, 22 mm, 23 mm,
27 mm, 40 mm, 85 mm
ELECTRICAL SPECIFICATIONS FOR KITPR016, KITPR018 (H22)
PARAMETER
KITPR016
KITPR018 (H22)
Total electrical travel
60°
88°
95°
200°
287° 30'
340°
340°
340°
350°
Useful electrical travel
20°
74°
95°
197°
230°
337°
340°
340°
348°
Linearity
± 0.5 %
± 0.5 %
± 0.5 %
± 0.5 %
± 0.25 %
± 0.1 %
± 0.25 %
± 0.5 %
± 0.1 %
Operating voltage
± 10 V ± 0.02 V
Gradient
--
---
---
-
Total resistance range (Rn)
4.7 k
4.7 k
4.7 k
470
2 k
4.7 k
2.2 k
10 k
10 k
Tolerance on Rn
± 20 %
± 10 %
± 20 %
± 10 %
± 12.5 %
± 10 %
± 12.5 %
± 10 %
± 20 %
Output smoothness
 0.1 %
Power rating
0.1 W
at 80 °C
0.2 W
at 80 °C
--
0.75 W
at 85 °C
-
0.75 W at 85 °C
-
Temperature coefficient
-300 ppm/°C ± 300 ppm/°C
Wiper current
 1 mA
Recommended load impedance
 1000 R
n
Insulation resistance
 1 G
at 100 VDC
 10 G at 500 V
DC
Dielectric strength
-
750 VRMS, 50 Hz, 1 min
ELECTRICAL SPECIFICATIONS FOR KITPR022 (PR22), KITPR023 (H27), KITPR027 (PR27),
KITPR040, KITPR085
PARAMETER
KITPR022 (PR22)
KITPR023 (H27)
KITPR027 (PR27)
KITPR040
KITPR085
Total electrical travel
130°
340°
120°
124°
330°
345°
100° ± 2°
25°
Useful electrical travel
120°
340°
90°
120°
180°
300°
90°
16°
Linearity
± 0.25 %
± 1 %
± 0.5 %
± 1 %
± 0.3 %
± 1 %
± 0.1 %
± 0.08 %
Operating voltage
-
-
-
-
-
-
± 10 V ± 0.02 V
Gradient
-
-
-
-
-
-
0.2 V/° ± 0.2 % 0.8 V/° ± 0.1 %
Total resistance range (Rn)5 k
4.7 k
2.2 k
5 k
4.7 k
10 k
2.5 k
Tolerance on Rn
± 10 %
± 10 %
-
± 10 %
± 10 %
± 10 %
± 20 %
Output smoothness
 0.1 %
Power rating
-
-
1.25 W at 70 °C
1.25 W at 70 °C
0.6 W at 70 °C
-
Temperature coefficient
-300 ppm/°C ± 300 ppm/°C
Wiper current
 1 mA
Recommended load impedance
 1000 R
n
Insulation resistance
 10 G at 500 V
DC
Dielectric strength
750 VRMS, 50 Hz, 1 min
500 VRMS, 50 Hz, 1 min


Similar Part No. - KITPR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KITPR VISHAY-KITPR Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
KITPR016 VISHAY-KITPR016 Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
KITPR0161472BB VISHAY-KITPR0161472BB Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
KITPR018 VISHAY-KITPR018 Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
KITPR0181103BB VISHAY-KITPR0181103BB Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
More results

Similar Description - KITPR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPR VISHAY-KITPR Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
RAME027 VISHAY-RAME027_17 Datasheet
87Kb / 3P
Rotational Absolute Magnetic Encoder Displacement Sensor
16-Nov-17
RAME033 VISHAY-RAME033 Datasheet
209Kb / 5P
Rotational Absolute Magnetic Encoder, 33 mm and 37 mm Displacement Sensor
10-Mar-17
RAMK027S VISHAY-RAMK027S Datasheet
122Kb / 5P
Rotational Absolute Magnetic Kit Encoder Displacement SensoR
29-Aug-17
RAMK040HP VISHAY-RAMK040HP Datasheet
159Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
RAMK090 VISHAY-RAMK090 Datasheet
110Kb / 4P
Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensor
20-Nov-17
KITPL VISHAY-KITPL_V01 Datasheet
145Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
RAMK027S VISHAY-RAMK027S_V01 Datasheet
119Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
28-Sep-2018
RAMK040HP VISHAY-RAMK040HP_V01 Datasheet
156Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com