Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITLMF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KITLMF
Description  Conductive Plastic Motion Transducer Elements (KIT), Up to 1000 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITLMF Datasheet(HTML) 2 Page - Vishay Siliconix

  KITLMF Datasheet HTML 1Page - Vishay Siliconix KITLMF Datasheet HTML 2Page - Vishay Siliconix KITLMF Datasheet HTML 3Page - Vishay Siliconix KITLMF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series KIT LMF
www.vishay.com
Vishay Sfernice
Revision: 30-Aug-2022
2
Document Number: 54009
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters, general tolerance ± 0.5 mm
EXAMPLES OF SPECIAL DESIGNS
1.6
L = TET + 18 max.
Wiper travel
Collector track
Resistive track
Silver area
15
7.5
3.1
TET = E
AET
10
Silver area
Soldering pads
7.5
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com