Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITPL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # KITPL
Description  Kit Potentiometer Linear Analog Displacement Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITPL Datasheet(HTML) 1 Page - Vishay Siliconix

  KITPL Datasheet HTML 1Page - Vishay Siliconix KITPL Datasheet HTML 2Page - Vishay Siliconix KITPL Datasheet HTML 3Page - Vishay Siliconix KITPL Datasheet HTML 4Page - Vishay Siliconix KITPL Datasheet HTML 5Page - Vishay Siliconix KITPL Datasheet HTML 6Page - Vishay Siliconix KITPL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KITPL
www.vishay.com
Vishay MCB
Revision: 10-Mar-17
1
Document Number: 32546
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Kit Potentiometer Linear Analog Displacement Sensor
FEATURES
• Conductive plastic potentiometer technology,
infinite resolution
•Analog
• Low height
• Substrate: stratified, insulated, rigid, high temperature
• Wiper: multicontacts, precious metals
• Applicable standards: NFC 93255, MIL R39023
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
LINEAR, conductive plastic
Output type
Output by wires
Market appliance
Industrial, avionics
Dimensions
38 mm, 41 mm, 61 mm, 85 mm, 93 mm,
106 mm, 345 mm
ELECTRICAL SPECIFICATIONS
PARAMETER
KITPL038
KITPL041
KITPL061
KITPL085
KITPL085
(RX13-75)
KITPL093
KITPL106
KITPL345
(RX13-300)
Total electrical travel
29.8 mm
18 mm
38 mm
50 mm
75 mm
58 mm
19 mm
300 mm
Useful electrical travel
28 mm
8 mm
28 mm
47 mm
70 mm
55 mm
18.7 mm
300 mm
Independent linearity
± 0.2 %
± 0.14 %
± 0.07 %
± 0.1 %
± 0.1 %
± 0.1 %
± 5 %
± 0.1 %
Total resistance range (Rn)
4.7 k
4.7 k
4.7 k
4.7 k
4.7 k
4.7 k
1.13 k
10 k
Tolerance on Rn
+ 10 %
- 2 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 11 %
± 20 %
Output smoothness
< 0.1 %
< 0.3 %
< 0.2 %
< 0.1 %
< 0.1 %
< 0.1 %
< 0.1 %
< 0.1 %
Power rating at 70 °C
0.15 W
0.27 W
0.57 W
0.15 W/cm
0.15 W/cm
0.15 W/cm 0.15 W/cm
0.15 W/cm
Temperature coefficient
-300 ± 300 ppm/°C
Wiper current
 1 mA
Recommended load impedance
 1000 R
n
Insulation resistance
1 G
at 50 VCC
 10 G at 500 V
DC
Dielectric strength
750 VRMS,
50 Hz,
1 min
500 VRMS, 50 Hz, 1 min
MECHANICAL SPECIFICATIONS
PARAMETER
Maximum displacement speed
1.5 m/s
Displacement force
 0.08 N


Similar Part No. - KITPL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPL038 VISHAY-KITPL038 Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPL0381103DB VISHAY-KITPL0381103DB Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPL0381103LB VISHAY-KITPL0381103LB Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPL0381103UB VISHAY-KITPL0381103UB Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
More results

Similar Description - KITPL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPR VISHAY-KITPR Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
PORH12 VISHAY-PORH12 Datasheet
148Kb / 7P
Analog Rectilinear Displacement Sensor
01-Mar-17
RH28 VISHAY-RH28 Datasheet
105Kb / 4P
Analog Linear Displacement Sensor
09-Sep-15
RP12 VISHAY-RP12 Datasheet
109Kb / 4P
Analog Linear Displacement Sensor
25-Jan-18
KITPR VISHAY-KITPR_V01 Datasheet
290Kb / 12P
Kit Potentiometer Rotational Analog Displacement Sensor
21-Nov-2019
PORH12 VISHAY-PORH12_V01 Datasheet
164Kb / 8P
Analog Rectilinear Displacement Sensor
15-Jun-2022
RH28 VISHAY-RH28_V01 Datasheet
98Kb / 4P
Analog Linear Displacement Sensors
14-Oct-2022
RP12 VISHAY-RP12_V01 Datasheet
131Kb / 4P
Analog Linear Displacement Sensor
15-Jun-2022
UIPMA VISHAY-UIPMA_V01 Datasheet
265Kb / 7P
Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
20-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com