Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MULTITRACKPMR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MULTITRACKPMR
Description  Analog Displacement Sensors for Off-Road Applicationss
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MULTITRACKPMR Datasheet(HTML) 2 Page - Vishay Siliconix

  MULTITRACKPMR Datasheet HTML 1Page - Vishay Siliconix MULTITRACKPMR Datasheet HTML 2Page - Vishay Siliconix MULTITRACKPMR Datasheet HTML 3Page - Vishay Siliconix MULTITRACKPMR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Multi-Track PMR
www.vishay.com
Vishay MCB
Revision: 11-Jul-2018
2
Document Number: 32518
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SAP PART NUMBERING GUIDELINES - PMR410 / PMR420
MODEL
TYPE
LEVER TYPE
VALUE
ANGLE
LEADS
PACKAGING
PMR4
10 = redundant with integrated
connector output
20 = redundant with wires output
A = lever A
C = lever C
202 = 2K0
(2 x 4 k
 in //)
095
I = integrated connector
(for PMR410)
W = wire
(for PMR420)
C = 20 pcs
G = 100 pcs
M = 400 pcs
CONNECTIONS
Type PMR410: AMP 142918-1 type integrated connector outputs
Type PMR420: Wire outputs (RoHS compliance to confirm in function of wires)
DIMENSIONS in millimeters
PMR410
PMR420
12.6 ± 0.5
20
11.5
15°
Metal insert
10 ± 0.2
3.2
20.4 ( + 0.1 / 0)
17
+ 0.2
0
3.4 ± 0.15
AMP 14918-1 type connector
for 282192-1 (black) or 282192-2 (grey)
female connector
4 x 2.8 x 0.8 contacts pitch 5 mm
1
2
3
4
9 ± 1
Ø 4.2
+ 0.1
0
27° 30´
± 2°
12.6 ± 0.5
20
10 ± 0.2
15°
9 ± 1
5 ± 0.5
10.5 ± 0.5
3.2
4 wires
Cross-section: 0.93 mm2
3.4 ± 0.15
(-)
C2
C1
(+)
Metal insert
Ø 4.2
+ 0.1
0
27°
30´ ±
2°
17
+ 0.2
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com