Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POPR27 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # POPR27
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POPR27 Datasheet(HTML) 4 Page - Vishay Siliconix

  POPR27 Datasheet HTML 1Page - Vishay Siliconix POPR27 Datasheet HTML 2Page - Vishay Siliconix POPR27 Datasheet HTML 3Page - Vishay Siliconix POPR27 Datasheet HTML 4Page - Vishay Siliconix POPR27 Datasheet HTML 5Page - Vishay Siliconix POPR27 Datasheet HTML 6Page - Vishay Siliconix POPR27 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POPR27
www.vishay.com
Vishay MCB
Revision: 11-May-2022
4
Document Number: 32522
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTION 4: 4 CUPS WITH INTERMEDIATE HOUSING
OPTION 5: SPECIFIC FLANGE AND SHAFT (EXAMPLE OF CUSTOMIZATION, OTHER VARIANTS ALSO FEASIBLE)
External involute spline data per ANSI B92.1A
Fillet root side fit table 38
Number of teeth: 8 (-1)
Spline pitch: 48/96
Pressure angle: 30°
Base diameter: 3.6661852
Pitch diameter (A): 4.23333
Major diameter: 4.7244 / 4.7752
Form diameter: 3.81
Minor diameter: 2.921 min.
Circular tooth thickness
Maximum effective: 0.8910
Minimum actual: 0.8525
Maximum actual: 0.8694
Minimum measurements over pins: 5.79374 / 5.8166
Pin diameter: 1.016 (ref.)
Fillet radius minimum: 0.1778
DIMENSIONS in millimeters
R17.5 max.
Shaft with slot flus
with rear side
+ 0.2
0
2 x Ø 2.5
at 180°
Working depth: 2
Ø 23 ± 0.1
37 ± 0.5
8.5 ± 0.5
Ø 3.175 0
- 0.013
U/2 ± 10°
0.025 B
B
14
R3 (x 8)
R1.6
(x
8)
R7
(x
8)
14
90° (x 4)
2°
(x
4)
7 (x
4)
2°
(x
4)
1.5
3.7
0
-0.1
7.4 max.
14.3 ± 0.1
3.7 to 5
(useful spline length)
Ch. 0.25 à 45°
D
R17.9
± 0.1
(x 4)
R21.1
± 0
.1 (x
4)
R22.5
± 0.05
(x
4)
Detail D
Mechanical position when
the voltage (U) = U/2
Ø 2
Depth: 7 ± 0.5
9 ± 0.02
Ø 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com