Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPPC-5211WS Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPPC-5211WS
Description  21.5 Full HD TFT LED LCD Industrial Multi-Touch Panel PC with Stainless Steel Chassis and IP69K Rating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-5211WS Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPPC-5211WS Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-5211WS Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
c1,c2 e g
f
e d
c1,c2 b
a(X12)
IPPC-5211WS
Dimensions
Rear View
Product Type with IPPC-5211WS-EMKE
a. COM1 (RS-232)
b. COM2 (RS232/RS485/RS422)
c. 2 x USB (1 x USB 3.0, 1 x USB 2.0)
d. 2 x LAN (10/100/1000 Mbps)
e. Power input
f. iDoor
a
e
b c d
f
Unit: mm [inch]
Optional Accessories
ƒ
PWR-247-CE
100-240V 60W 24V 2.5A Power Supply
ƒ
2070013799
Image WS7P x64 MUI. v4.12 B001 for IPPC-5211WS
ƒ
20703WX9ES0016
Img WIN10 LTSC v6.04 B044 IPPC-5211WS-JxAE
Entry
ƒ
IPPC-5211WS-EMKE
Aluminium Flange Adaptor of IPPC-5211
(To implement pole mount and enable all-around
IP69k)
ƒ
IPPC-5000-FLAE
304L Stainless Steel Flange Adaptor of IPPC-5211
(To implement pole mount and enable all-around
IP69k)
ƒ
EWM-W151H01E
802.11bgn RTL8188EE 1T1R, Half-size Mini-PCIe
(also need 9656EWMG00E)
ƒ
1750007668-01
Waterproof Wireless Antenna R/P SMA.M2dB L=86.7
Dimension of IPPC-5211WS-EMKE & IPPC-5000-FLAE
Arm System
Foot System
555 [21.85]
21.5”
478.20 [18.83]
81 [3.19]
326 [12.83]
26 [1.02]
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com