Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC60DAM18CTG Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTC60DAM18CTG
Description  Boost chopper SiC FWD diode Super Junction MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC60DAM18CTG Datasheet(HTML) 6 Page - Advanced Power Technology

  APTC60DAM18CTG Datasheet HTML 1Page - Advanced Power Technology APTC60DAM18CTG Datasheet HTML 2Page - Advanced Power Technology APTC60DAM18CTG Datasheet HTML 3Page - Advanced Power Technology APTC60DAM18CTG Datasheet HTML 4Page - Advanced Power Technology APTC60DAM18CTG Datasheet HTML 5Page - Advanced Power Technology APTC60DAM18CTG Datasheet HTML 6Page - Advanced Power Technology APTC60DAM18CTG Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
APTC60DAM18CTG
APT website – http://www.advancedpower.com
6 – 7
TJ=25°C
TJ=150°C
1
10
100
1000
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Delay Times vs Current
td(on)
td(off)
0
50
100
150
200
250
300
350
0
40
80
120 160
200 240
ID, Drain Current (A)
VDS=400V
RG=1.2Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
0
40
80
120
160
200
240
ID, Drain Current (A)
VDS=400V
RG=1.2Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
1
2
3
4
5
6
7
8
9
10
0
40
80
120
160
200
240
ID, Drain Current (A)
VDS=400V
RG=1.2Ω
TJ=125°C
L=100µH
Eon
Eoff
0
5
10
15
20
02.557.5
10
12.5
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=400V
ID=143A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
20
40
60
80
100
120
140
160
30
50
70
90
110
130
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=400V
D=50%
RG=1.2Ω
TJ=125°C
TC=75°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com