Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC60HM70SCTG Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTC60HM70SCTG
Description  Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC60HM70SCTG Datasheet(HTML) 2 Page - Advanced Power Technology

  APTC60HM70SCTG Datasheet HTML 1Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 2Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 3Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 4Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 5Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 6Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 7Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 8Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
APTC60HM70SCTG
APT website – http://www.advancedpower.com
2 – 8
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 600V
Tj = 25°C
250
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 600V
Tj = 125°C
500
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 19.5A
70
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 1mA
2.1
3
3.9
V
IGSS
Gate – Source Leakage Current
VGS = ±20 V, VDS = 0V
±100
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
7015
Coss
Output Capacitance
2565
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
212
pF
Qg
Total gate Charge
259
Qgs
Gate – Source Charge
29
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 300V
ID = 39A
111
nC
Td(on)
Turn-on Delay Time
21
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
283
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 400V
ID = 39A
RG = 5Ω
84
ns
Eon
Turn-on Switching Energy
402
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 400V
ID = 39A, RG = 5Ω
980
µJ
Eon
Turn-on Switching Energy
657
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 400V
ID = 39A, RG = 5Ω
1206
µJ
Series diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
200
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 85°C
30
A
IF = 30A
1.1
1.15
IF = 60A
1.4
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
0.9
V
Tj = 25°C
24
trr
Reverse Recovery Time
Tj = 125°C
48
ns
Tj = 25°C
33
Qrr
Reverse Recovery Charge
IF = 30A
VR = 133V
di/dt = 200A/µs
Tj = 125°C
150
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com