Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCTZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCTZ
Description  SMD PTC Thermistors For Overload Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCTZ Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCTZ Datasheet HTML 1Page - Vishay Siliconix PTCTZ Datasheet HTML 2Page - Vishay Siliconix PTCTZ Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PTCTZ
www.vishay.com
Vishay BCcomponents
Revision: 27-Nov-15
2
Document Number: 29068
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PTC OUTLINES
DIMENSIONS in millimeters
DIMENSIONS OF SOLDER LANDS in millimeters
SOLDERING CONDITIONS
This SMD thermistor is only suitable for reflow soldering, in accordance with JEDEC J-STD-020D. Soldering processes
which can be used are reflow (infrared and convection heating) and vapor phase. The maximum temperature of 260 °C during
10 s should not be exceeded and no liquid flux should be allowed to reach the ceramic body.
Typical examples of a soldering processes that will provide reliable joints without damage, are shown below.
MOUNTING CONDITIONS
A flat pick-up area of minimum 10 mm2 and low weight allows for fast placement.
Because of the nature of PTC ceramic material the component should not be touched with bare hands, as the residue
of perspiration can influence component behavior at high temperatures.
Handling forces applied to the component should be limited to 5 N in any condition.
PTC SMD ceramic size: 6.5 mm
3.6 ± 0.1
10 ± 0.25
8.0
2.8
2
4 ± 0.1
4 ± 0.2
0.2
10°
max.
1
7.6 ± 0.25
3.45
± 0.15
1.2
7.3
0
- 0.2
0.6
+ 0.6
0
3
2
2
3
1
11
5
2
PACKAGING
TYPE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
PTCTZ
1500
PS conductive blister tape acc. IEC60286-3
16 mm
12 mm
330 mm
MATERIAL INFORMATION
REF.
DESCRIPTION
MATERIAL AND REMARKS
1
Ceramic
BaTiO3 doped
2
Metalization
NiCr Ag layer (vacuum deposition)
3
Lead frame
Ni plated phosphor bronze material covered by matte tin layer
0
50
100
150
200
250
300
250
200
150
100
50
0
t (s)
215 °C
180 °C
20 s to 40 s
Internal preheating,
e.g. by infrared,
max. 2 K/s
100 °C
130 °C
External
preheating
Forced
cooling
T
(°C)
Typical values (solid line)
Process limits (dotted lines)
Vapor phase soldering
Reflow soldering
0
50
100
150
200
250
300
250
200
150
100
50
0
10 s
260 °C
t (s)
215 °C
180 °C
10 s
40 s
2 K/s
T
(°C)
245 °C
130 °C
Typical values (solid line)
Process limits (dotted lines)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com