Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK027S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RAMK027S
Description  Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK027S Datasheet(HTML) 3 Page - Vishay Siliconix

  RAMK027S_V01 Datasheet HTML 1Page - Vishay Siliconix RAMK027S_V01 Datasheet HTML 2Page - Vishay Siliconix RAMK027S_V01 Datasheet HTML 3Page - Vishay Siliconix RAMK027S_V01 Datasheet HTML 4Page - Vishay Siliconix RAMK027S_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RAMK027 S
www.vishay.com
Vishay MCB
Revision: 28-Sep-2018
3
Document Number: 32549
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
10°
2 x
3 x 0-80 UNF-2B
Rotor
Stator
Zero position mark
Heat shrinkable sleeve
6 wires AWG32
Length: 680
Ø
12.2
Heat shrinkable sleeve
Length: 40 ± 5
1.05 min.
7.5
SECTION B-B
Ø 9
Ø 25
Ø 4
+ 0.008
+ 0.003
0
+ 20
(Ø 4.77 on request)
Ø 7
Ø 27.3
- 0.01
- 0.04
0.9 min.
R5.5
B
B
2 x 5
19



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com