Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK033 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RAMK033
Description  Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK033 Datasheet(HTML) 1 Page - Vishay Siliconix

  RAMK033 Datasheet HTML 1Page - Vishay Siliconix RAMK033 Datasheet HTML 2Page - Vishay Siliconix RAMK033 Datasheet HTML 3Page - Vishay Siliconix RAMK033 Datasheet HTML 4Page - Vishay Siliconix RAMK033 Datasheet HTML 5Page - Vishay Siliconix RAMK033 Datasheet HTML 6Page - Vishay Siliconix RAMK033 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RAMK033
www.vishay.com
Vishay MCB
Revision: 15-Dec-17
1
Document Number: 32550
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP
Displacement Sensor
DESIGN SUPPORT TOOLS
FEATURES
• Hall effect principle
• Especially dedicated to harsh conditions
(vibrations, shocks, CEM, ...)
• Not sensitive to external magnetic fields and temperature
• Not sensitive to moisture and pollution
• Plug and play
• Small error due to misalignment
• Two versions:
High Precision (HP) and Low Precision (LP)
• Protected design, patent EP 2711663
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, magnetic technology
Output type
Wires or cables
Market appliance
Industrial
Dimensions
Diameter 33 mm
click logo to get started
Available
Models
ELECTRICAL SPECIFICATIONS
PARAMETER
Voltage supply
5 V ± 0.25 V
Current supply
110 mA max. at 5 V
Output
SSI
Connection
Connector (wires on request)
Useful electrical angle
360° (single turn)
Absolute accuracy at 25 °C
Version HP: ± 0.03° > 13 bits
Version LP: ± 0.25°
Absolute accuracy at -40 °C to +105 °C
Version HP: ± 0.05° ~ 13 bits
Version LP: ± 0.5°
Resolution
Version HP:
 0.004° ( 16.52 bits) 94 208 points over 360°
Version LP:
 0.022° ( 14 bits) 16 384 points over 360°
Startup time
 20 ms
Refresh time
 100 μs
Latency time
 200 μs
Sampling rate
10 kHz ± 5 %
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical angle
360°
Maximum speed rotation (HP version)
50 rpm (up to 700 rpm with decreasing of accuracy,
see “Maximum Speed vs. Accuracy” chart)
Maximum speed rotation (LP version)
100 rpm (up to 1000 rpm with decreasing of accuracy,
see “Maximum Speed vs. Accuracy” chart)
Weight
Version HP: rotor: 6.9 g ± 1 g; stator: 6.5 g ± 1 g
Version LP: rotor: 2 g ± 1 g; stator: 2 g ± 1 g
SAP PART NUMBERING GUIDELINES
TYPE
MODEL
DESIGN
SIZE
(mm)
TYPE
FUNCTION
ACCURACY
(BITS)
RESOLUTION
(BITS)
OUTPUT
PACKAGING
R = rotational
AM
K = kit
033
M
1
13
17
J = SSI CCW
B = box
09
14


Similar Part No. - RAMK033

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RAMK033 VISHAY-RAMK033 Datasheet
180Kb / 7P
Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
15-Dec-17
More results

Similar Description - RAMK033

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RAME027 VISHAY-RAME027 Datasheet
78Kb / 3P
Rotational Absolute Magnetic Encoder Displacement Sensor
08-Dec-16
RAME027 VISHAY-RAME027_17 Datasheet
87Kb / 3P
Rotational Absolute Magnetic Encoder Displacement Sensor
16-Nov-17
RAME033 VISHAY-RAME033 Datasheet
209Kb / 5P
Rotational Absolute Magnetic Encoder, 33 mm and 37 mm Displacement Sensor
10-Mar-17
RAMK027S VISHAY-RAMK027S Datasheet
122Kb / 5P
Rotational Absolute Magnetic Kit Encoder Displacement SensoR
29-Aug-17
RAMK033 VISHAY-RAMK033 Datasheet
180Kb / 7P
Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
15-Dec-17
RAMK040HP VISHAY-RAMK040HP Datasheet
159Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
RAMK090 VISHAY-RAMK090 Datasheet
110Kb / 4P
Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensor
20-Nov-17
RAME033 VISHAY-RAME033_V01 Datasheet
235Kb / 7P
Rotational Absolute Magnetic Encoder, 33 mm and 37 mm Displacement Sensor
30-Nov-2021
RAMK027S VISHAY-RAMK027S_V01 Datasheet
119Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
28-Sep-2018
RAMK040HP VISHAY-RAMK040HP_V01 Datasheet
156Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com