Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK040HP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RAMK040HP
Description  Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK040HP Datasheet(HTML) 3 Page - Vishay Siliconix

  RAMK040HP_V01 Datasheet HTML 1Page - Vishay Siliconix RAMK040HP_V01 Datasheet HTML 2Page - Vishay Siliconix RAMK040HP_V01 Datasheet HTML 3Page - Vishay Siliconix RAMK040HP_V01 Datasheet HTML 4Page - Vishay Siliconix RAMK040HP_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RAMK040 HP
www.vishay.com
Vishay MCB
Revision: 06-Dec-17
3
Document Number: 32535
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTION ON REQUEST: ANOTHER INTERFACE FOR THE ROTOR
OPTION ON REQUEST: RADIAL OUTPUT
DIMENSIONS in millimeters
AA
SECTION A-A
3 x Ø 2.6 ± 0.1 à 120°
Ø 37.1 ± 0.2
3 x Ø 4.1 ± 0.1 à 120°
Ø 30 ± 0.2
Ø 40 - 0.009
- 0.020
Ø 40.57 ± 0.03
Ø 29.7 ± 0.2
Ø 18.5 ± 0.2
Ø 13 ± 0.2
Ø 12 + 0.1
0
Ø 35.3 ± 0.2
Ø 37.1 ± 0.2
Ø 9.7 ± 0.2
0.4 ± 0.1
10 max.
0.7 ± 0.1
Ø 35.3 ± 0.2
3.1 ± 0.1
Ø 7.9 ± 0.1
Ø 5.2 ± 0.1
SECTION A-A
3 x Ø 2.6 ± 0.1 à 120°
3 x Ø 4.1 ± 0.1 à 120°
Ø 13 ± 0.2
Ø 18.5 ± 0.2
Ø 29.7 ± 0.2
Ø 40.57 ± 0.03
A
A
3 ± 0.5
650 ± 25
Ø 5.01 + 0.005
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com