Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK040HP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RAMK040HP
Description  Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK040HP Datasheet(HTML) 1 Page - Vishay Siliconix

  RAMK040HP Datasheet HTML 1Page - Vishay Siliconix RAMK040HP Datasheet HTML 2Page - Vishay Siliconix RAMK040HP Datasheet HTML 3Page - Vishay Siliconix RAMK040HP Datasheet HTML 4Page - Vishay Siliconix RAMK040HP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RAMK040 HP
www.vishay.com
Vishay MCB
Revision: 06-Dec-17
1
Document Number: 32535
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP
Displacement Sensor
DESIGN SUPPORT TOOLS
FEATURES
• Especially dedicated to hard conditions
(vibrations, shocks, CEM, ...)
• Not sensitive to external magnetic fields and temperature
• Not sensitive to moisture and pollution
• Plug and play
• Small error due to misalignment
• Hall effect principle
• High Precision (HP)
• Protected design, patent EP 2711663
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, magnetic technology
Output type
Wires or cables
Market appliance
Industrial
Dimensions
Diameter 40.65 mm
click logo to get started
Available
Models
ELECTRICAL SPECIFICATIONS
PARAMETER
Voltage supply
5 V ± 0.25 V (or 9 V to 35 V in option)
Current supply
 110 mA max. at 5 V
Output
SSI (SPI on request)
Connection
Ultra-flex AWG32 wires (shielded cable and connector on request)
Useful electrical angle
360° (single turn)
Absolute accuracy at 25 °C
± 0.03° > 13 bits
Absolute accuracy at -40 °C to +105 °C
± 0.05° ~ 13 bits
Resolution
0.0017° (> 17 bits, 212 992 points)
Startup time
 20 ms
Refresh time
 100 μs
Latency time
 200 μs
Sampling rate
10 kHz ± 5 %
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical angle
360°
Maximum speed rotation
50 rpm (up to 380 rpm with decreasing of accuracy,
see “Maximum Speed vs. Accuracy” chart)
Maximum mechanical speed
9000 rpm (or more on request)
Weight
Rotor: 12 g ± 1 g; stator: 16.5 g ± 1 g
SAP PART NUMBERING GUIDELINES
TYPE
MODEL
DESIGN
SIZE
(mm)
TYPE
FUNCTION
ACCURACY
(BITS)
RESOLUTION
(BITS)
OUTPUT
PACKAGING
R = rotational
AM
K = kit
040
M
1
13
17
J = SSI CCW
B = box


Similar Part No. - RAMK040HP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RAMK040HP VISHAY-RAMK040HP Datasheet
159Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
More results

Similar Description - RAMK040HP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RAME027 VISHAY-RAME027_17 Datasheet
87Kb / 3P
Rotational Absolute Magnetic Encoder Displacement Sensor
16-Nov-17
RAMK027S VISHAY-RAMK027S Datasheet
122Kb / 5P
Rotational Absolute Magnetic Kit Encoder Displacement SensoR
29-Aug-17
RAMK040HP VISHAY-RAMK040HP Datasheet
159Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
06-Dec-17
RAMK090 VISHAY-RAMK090 Datasheet
110Kb / 4P
Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensor
20-Nov-17
RAME030 VISHAY-RAME030 Datasheet
182Kb / 7P
Rotational Absolute Magnetic Encoder Version 30 mm HP Position Sensor
06-Jul-2022
RAMK027 VISHAY-RAMK027 Datasheet
134Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm HP Position Sensors
20-Jul-2021
RAMK027S VISHAY-RAMK027S_V01 Datasheet
119Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 27 mm Sector Displacement Sensor
28-Sep-2018
RAMK033 VISHAY-RAMK033_V01 Datasheet
177Kb / 7P
Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
15-Dec-17
RAMK060 VISHAY-RAMK060 Datasheet
262Kb / 15P
Rotational Absolute Magnetic Kit Encoder Version 60 mm HP Position Sensor Version 2.1
03-May-2022
RAMK090 VISHAY-RAMK090_V01 Datasheet
132Kb / 5P
Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensors
13-Aug-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com