Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD8100CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SD8100CS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD8100CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SD8100CS Datasheet HTML 1Page - Pan Jit International Inc. SD8100CS Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
DATE : OCT.10.2002
.4
.5.6
.7
.8.91.0
1.1
50
0.1
100
10
1.0
0.1
.01
0
20406080 100 120 140
1000
10
1.0
10
100
0.1
1
10
100
100
120
80
40
60
20
0
10.0
8.0
4.0
0
20
40
60
80
100
120
140
10
1.0
.3
.2
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
TJ=25 C
f=1.0mHz
Visg=5mVp-p
O
TJ=25 C
f=1.0mHz
Visg=5mVp-p
O
2.0
6.0
50- 60V
20- 40V
80- 100 V
10000
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTIC
Fig.4- TYPICAL JUNCTION CAPACITANCE
Fig.5- MAXIMUM NON-REPETITIVE
SURGE CURRENT
Fig.3- TYPICAL REVERSE
CHARACTERISTICS
CASE TEMPERATURE, C
O
RESISTTIVE OR INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
NO.OFCYCLESAT60Hz
PERCENT OF RATEP PEAK
REVERSE VOLTAGE %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com