Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC110L3D103W...E. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # REC110L3D103W...E.
Description  Precision Linear Transducers, Conductive Plastic, up to 450 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC110L3D103W...E. Datasheet(HTML) 3 Page - Vishay Siliconix

  REC110L3D103W...E. Datasheet HTML 1Page - Vishay Siliconix REC110L3D103W...E. Datasheet HTML 2Page - Vishay Siliconix REC110L3D103W...E. Datasheet HTML 3Page - Vishay Siliconix REC110L3D103W...E. Datasheet HTML 4Page - Vishay Siliconix REC110L3D103W...E. Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series REC 110 L
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
3
Document Number: 54012
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTION: SPRING LOADED SHAFT DIMENSIONS in millimeters, general tolerance ± 1 mm
110L WITH SPRING LOADED SHAFT: W04030
TABLE 2
MODEL
X
110 L1
75
110 L2
112
110 L3
150
110 L4
188
110L WITH CABLE OUTPUT AND SPRING LOADED SHAFT: W04031
A
TET + 47
SETTING AREA:
D = TET + 35
X
7
10
23
18
45
28.8 ± 0.2
4 HOLES Ø 4.2
VIEW A
A
X
TET + 47
SETTING AREA: D = TET + 35
4 HOLES Ø 4.2
45
28.8 ± 0.2
18
CABLE OUTPUT 3 WIRES AWG24
LENGTH 300 mm MIN.
7
VIEW A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com