Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC115L23D103W...E. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # REC115L23D103W...E.
Description  Precision Linear Transducers, Conductive Plastic, up to 1000 mms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC115L23D103W...E. Datasheet(HTML) 1 Page - Vishay Siliconix

  REC115L23D103W...E. Datasheet HTML 1Page - Vishay Siliconix REC115L23D103W...E. Datasheet HTML 2Page - Vishay Siliconix REC115L23D103W...E. Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series REC 115 L
www.vishay.com
Vishay Sfernice
Revision: 18-Feb-2019
1
Document Number: 54013
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Linear Transducers, Conductive Plastic,
up to 1000 mm
DESIGN SUPPORT TOOLS
The 115 L is a simply mounted, robust, high precision
industrial linear motion transducer.
FEATURES
• Measurement range 25 mm to 1000 mm
• High accuracy ± 1 % down to ± 0.025 %
• Excellent repeatability
• Essentially infinite resolution
• Non sensitive to temperature variations
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
click logo to get started
Available
Models
QUICK REFERENCE DATA
Sensor type
LINEAR, conductive plastic
Output type
Connector
Market appliance
Industrial
Dimensions
L x 31.7 mm x 34.8 mm (with L = TET + 75 mm)
ELECTRICAL SPECIFICATIONS
Theoretical electrical travel (TET) = E
From 25 mm to 1000 mm in increments of 25 mm
Independent linearity (over TET)
on request
 ± 1 %  ± 0.1 %
 ± 0.05 % for E  100 mm  ± 0.025 % for E  200 mm
Actual electrical travel (AET)
AET = TET + 1.5 mm min.
Ohmic values (RT)
400
/cm to 2 k/cm
Resistance tolerance at 20 °C
± 20 %
Repeatability
 ± 0.01 %
Maximum power rating
0.05 W/cm at 70 °C, 0 W at 125 °C
Wiper current
Recommended: a few μA - 1 mA max. (continuous)
Load resistance
minimum 103 x RT
Insulation resistance
 1000 M, 500 V
DC
Dielectric strength
 1000 V
RMS, 50 Hz
Protection resistor
Integrated inside the transducer to protect against errors when setting up (short circuit)
MECHANICAL SPECIFICATIONS
Mechanical travel
E + 8 ± 2 mm
Housing
Anodized aluminum
Operating force
7.5 N typical
Shaft (free rotation)
Stainless steel
Termination
Hydraulic type connector
DIN 43650
Wiper
Precious metal multifinger
Mounting
Movable brackets
PERFORMANCE
Operating life
40 million cycles typical / 1 Hz / T° = 20 °C ± 5 °C / 80 % TET
Temperature range
-55 °C to +125 °C
Sine vibration on 3 axes
1.5 mm peak to peak 0 Hz to 10 Hz
15 g - 10 Hz - 2000 Hz
Mechanical shocks on 3 axes
50 g - 11 ms - half sine
Speed (max.)
8 m/s for f < 2 Hz; 3 m/s for f < 5 Hz


Similar Part No. - REC115L23D103W...E.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC115L23D103W VISHAY-REC115L23D103W Datasheet
87Kb / 2P
Precision Linear Transducers, Conductive Plastic (REC)
14-Dec-01
REC115L23D103W VISHAY-REC115L23D103W Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
More results

Similar Description - REC115L23D103W...E.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC139L VISHAY-REC139L_V01 Datasheet
258Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mms
26-Mar-15
REC34L VISHAY-REC34L_V01 Datasheet
394Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC38L VISHAY-REC38L_V01 Datasheet
71Kb / 3P
Precision Linear Transducers, Conductive Plastic, Up to 150 mm
19-Mar-2021
REC50L VISHAY-REC50L_V01 Datasheet
86Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com