Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC139L43D103W...E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # REC139L43D103W...E3
Description  Precision Linear Transducers, Conductive Plastic, up to 3000 mms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC139L43D103W...E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  REC139L43D103W...E3 Datasheet HTML 1Page - Vishay Siliconix REC139L43D103W...E3 Datasheet HTML 2Page - Vishay Siliconix REC139L43D103W...E3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series REC 139 L
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
2
Document Number: 54015
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters, general tolerance ± 1 mm
LENGTH
AET
MT
L
L1 to L20
TET + 1.5 min.
TET + 7 min.
TET + 158 max.
L21 to L40
TET + 1.5 min.
TET + 11 min.
TET + 163 max.
L41 to L120
TET + 1.5 min.
TET + 15 min.
TET + 169 max.
ELECTRICAL CONNECTIONS
ORDERING INFORMATION/DESCRIPTION
REC
139
L
43
D
103
W...
e3
SERIES
MODEL
NUMBER
OF TRACKS
THEORETICAL
ELECTRICAL
TRAVEL
LINEARITY
OHMIC VALUE
MODIFICATIONS
LEAD FINISH
L = 1
Times 25 mm
A: ± 1 %
D: ± 0.1 %
E: ± 0.05 %
F: ± 0.025 %
First 2 digits are
significant numbers
3rd digit indicates
number of zeros
Special feature
code number
Pure tin
SAP PART NUMBERING GUIDELINES
RE
139 L
43
D
103
W....
SERIES
MODEL
TET
LINEARITY
OHMIC VALUE
SPECIAL FEATURES
CM
CET
90
M5
L
MOVABLE BRACKETS
12
3
31.5
51.7
26
ANGULAR CLEARANCE
± 10°
1
+ 4
- 0
26.5 ± 1
18
+ 2
- 0
STANDARD MODEL
TET = THEORETICAL ELECTRICAL TRAVEL
AET = ACTUAL ELECTRICAL TRAVEL
MT = MECHANICAL TRAVEL
PIN 3: +
PIN 2: WIPER
PIN 1: -
TET
AET
MT
4. GROUND
36
61 MAX.
50
67
4
1
3
2
Ø 5.2
V
FEMALE CONNECTOR
ishay’s Reference: 3248610
36 MAX.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com