Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC38L0.5C102W...E1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # REC38L0.5C102W...E1
Description  Precision Linear Transducers, Conductive Plastic, Up to 150 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC38L0.5C102W...E1 Datasheet(HTML) 1 Page - Vishay Siliconix

  REC38L0.5C102W...E1 Datasheet HTML 1Page - Vishay Siliconix REC38L0.5C102W...E1 Datasheet HTML 2Page - Vishay Siliconix REC38L0.5C102W...E1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series REC 38 L
www.vishay.com
Vishay Sfernice
Revision: 19-Mar-2021
1
Document Number: 54010
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Linear Transducers, Conductive Plastic, Up to 150 mm
The 38 L is a very compact model especially designed for
precise measurement of short travels.
FEATURES
• Measurement range 12.5 mm to 150 mm
• High accuracy ± 1 % down to ± 0.1 %
• Long life
• Essentially infinite resolution
• Very small dimension: external diameter = 9.52 mm
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
QUICK REFERENCE DATA
Sensor type
LINEAR, conductive plastic
Output type
Wires
Market appliance
Professional
Dimensions
9.52 mm dia.
ELECTRICAL SPECIFICATIONS
Theoretical electrical travel (TET)
From 12.5 mm to 150 mm see Table 1
Actual electrical travel (AET)
AET = TET + 1 mm
Independent linearity (over TET)
≤ ± 1 % - ≤ ± 0.5 %
≤ ± 0.25 % for E ≥ 25 mm
≤ ± 0.1 % for E ≥ 50 mm
Repeatability
≤ 0.01 %
Ohmic values (RT)
From 400
Ω/cm to 4 kΩ/cm
Resistance tolerance at 20 °C
± 20 %
Maximum power rating
0.05 W/cm at 70 °C, 0 W at 125 °C
Wiper current
Recommended: a few μA - 1 mA max. (continuous)
Load resistance
Minimum 103 x RT
Insulation resistance
≥ 1000 MΩ, 500 VDC
Dielectric strength
≥ 500 VRMS, 50 Hz
MECHANICAL SPECIFICATIONS
Mechanical travel (MT)
MT = TET + 3 mm ± 1 mm
Housing
Anodized aluminum
Operating force
0.35 N typical
Termination
3 wires PTFE AWG 26
length: 300 mm
Wiper
Precious metal multifinger
PERFORMANCE
Operating life
25 million cycles typical/1 Hz/T° = 20 °C ± 5 °C/80 % TET
Temperature range
-55 °C to +125 °C
Sine vibration on 3 axes
1.5 mm peak to peak or 15 g - 10 Hz - 2000 Hz
Mechanical shocks on 3 axes
50 g -11 ms - half sine


Similar Part No. - REC38L0.5C102W...E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC38L0.5C102W VISHAY-REC38L0.5C102W Datasheet
83Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 150 mm
08-Sep-16
More results

Similar Description - REC38L0.5C102W...E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L_V01 Datasheet
115Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mms
18-Feb-2019
REC139L VISHAY-REC139L_V01 Datasheet
258Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mms
26-Mar-15
REC34L VISHAY-REC34L_V01 Datasheet
394Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L_V01 Datasheet
86Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com