Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTDF200H170 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTDF200H170
Description  Fast Diode Rectifier Bridge Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTDF200H170 Datasheet(HTML) 3 Page - Advanced Power Technology

  APTDF200H170 Datasheet HTML 1Page - Advanced Power Technology APTDF200H170 Datasheet HTML 2Page - Advanced Power Technology APTDF200H170 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APTDF200H170
APT website – http://www.advancedpower.com
3 - 3
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.04
0.08
0.12
0.16
0.2
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
T
J=25°C
T
J=25°C
T
J=125°C
0
100
200
300
400
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF, Anode to Cathode Voltage (V)
Forward Current vs Forward Voltage
Trr vs. Current Rate of Charge
100 A
200 A
400 A
200
300
400
500
600
700
800
0
3000
6000
9000
12000
-diF/dt (A/µs)
T
J=125°C
V
R=900V
QRR vs. Current Rate Charge
100 A
200 A
400 A
40
60
80
100
120
140
160
0
3000
6000
9000
12000
-diF/dt (A/µs)
T
J=125°C
VR=900V
IRRM vs. Current Rate of Charge
100 A
200 A
400 A
100
200
300
400
500
600
700
800
0
3000
6000
9000
12000
-diF/dt (A/µs)
T
J=125°C
V
R=900V
0
50
100
150
200
250
300
0
25
50
75
100
125
150
Case Temperature (ºC)
Max. Average Forward Current vs. Case Temp.
Duty Cycle = 0.5
T
J=150°C
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com