Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH28 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RH28
Description  Analog Linear Displacement Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH28 Datasheet(HTML) 2 Page - Vishay Siliconix

  RH28 Datasheet HTML 1Page - Vishay Siliconix RH28 Datasheet HTML 2Page - Vishay Siliconix RH28 Datasheet HTML 3Page - Vishay Siliconix RH28 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RH28
www.vishay.com
Vishay MCB
Revision: 14-Oct-2022
2
Document Number: 32528
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
PERFORMANCE
PARAMETER
Operating temperature range
-40 °C to +105 °C
Storage temperature range
-55 °C to +125 °C
Life
20M operations for UET
≤ 250 mm
10M operations for 250 < UET
≤ 600 mm
5M operations for UET < 600 mm
SAP PART NUMBERING GUIDELINES
MODEL
USEFUL ELECTRICAL TRAVEL (mm) SHAFT VERSION
VALUE
LINEARITY
LEADS
PACKAGING
RH28
0025
0050
0100
0150
0200
0250
0300
0350
0400
0500
0600
0700
0800
0900
1000
F = floating shaft
472 = 4K7
103 = 10K
223 = 22K
473 = 47K
In accordance
with UET, see
“Electrical
Specifications”
D = 0.1 %
S = standard
(straight plug)
B = box
ACCESSORY
Front pivot
ACCSRH28EPIVOTB
Rear pivot
ACCSRH28MPIVOTB
Straight angle plug
ACCSRH28SCONNEB
Right angle plug
ACCSRH28ACONNEB
DIMENSIONS in millimeters
RADIAL CABLE OUTPUT VERSION (R) (WITH OPTIONAL FRONT AND REAR PIVOTS) (ON REQUEST)
AXIAL CABLE OUTPUT VERSION (A) (ON REQUEST)
20
40
L = UET + 92
Cable Ø 5.5 max. lg 1 m
35
5.3 at 45°
8
Rear pivot
Front pivot
Cable Ø 5.5 max. lg 1 m
17
Cable sheath
25 (Rod retracted)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com