Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTDF400AA20 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTDF400AA20
Description  Dual Common Anode diodes Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTDF400AA20 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTDF400AA20 Datasheet HTML 1Page - Advanced Power Technology APTDF400AA20 Datasheet HTML 2Page - Advanced Power Technology APTDF400AA20 Datasheet HTML 3Page - Advanced Power Technology APTDF400AA20 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APTDF400AA20
APT website – http://www.advancedpower.com
2 - 4
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
IF = 400A
1.0
1.1
IF = 800A
1.4
VF
Diode Forward Voltage
IF = 400A
Tj = 125°C
0.9
V
Tj = 25°C
750
IRM
Maximum Reverse Leakage Current
VR = 200V
Tj = 125°C
1000
µA
CT
Junction Capacitance
VR = 200V
1600
pF
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
trr
Reverse Recovery Time
IF=1A,VR=30V
di/dt = 400A/µs
Tj = 25°C
39
ns
Tj = 25°C
60
trr
Reverse Recovery Time
Tj = 125°C
110
ns
Tj = 25°C
800
Qrr
Reverse Recovery Charge
Tj = 125°C
3360
nC
Tj = 25°C
24
IRRM
Reverse Recovery Current
IF = 400A
VR = 133V
di/dt = 800A/µs
Tj = 125°C
60
A
trr
Reverse Recovery Time
80
ns
Qrr
Reverse Recovery Charge
7.64
µC
IRRM
Reverse Recovery Current
IF = 400A
VR = 133V
di/dt = 4000A/µs
Tj = 125°C
176
A
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case
0.14
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com