Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UIPM Datasheet(PDF) 5 Page - Vishay Siliconix

Part # UIPM
Description  Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UIPM Datasheet(HTML) 5 Page - Vishay Siliconix

  UIPM Datasheet HTML 1Page - Vishay Siliconix UIPM Datasheet HTML 2Page - Vishay Siliconix UIPM Datasheet HTML 3Page - Vishay Siliconix UIPM Datasheet HTML 4Page - Vishay Siliconix UIPM Datasheet HTML 5Page - Vishay Siliconix UIPM Datasheet HTML 6Page - Vishay Siliconix UIPM Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UIPMA, UIPMC
www.vishay.com
Vishay MCB
Revision: 20-Sep-2022
5
Document Number: 32537
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPERATING DESCRIPTION
SPECIFIC UIPMA CHARACTERISTICS
THEORETICAL ELECTRICAL
TRAVEL (TET) (mm)
DISSIPATION AT +40 °C
(W)
ELECTRICAL CONTINUITY TRAVEL (ECT)
(mm)
FILM LENGTH
(mm)
50
≤ 0.5
54
75
100
≤ 1.0
104
125
150
≤ 1.5
154
175
200
≤ 2.0
204
225
250
≤ 2.5
254
275
ON REQUEST
UIPMA034 WITH WIRES OUTPUT
Support
membrane
(resistive track)
Deformable
membrane
(collector)
Insert
Presser
Collector / track
contact
Ground (U1 / Green)
Collector (U / Yellow)
Wiper (to be define)
+ (U2 / Red)
Equipotential voltage area
Green
Yellow
Red
U2
U1
Crimping area
with insulating
adhesive layer
Potting
A
Detail A
4:1
Thickness 0.51 ± 0.1
without adhesive
layer protection
42 ± 1
(useful area with adhesive surface)
50 ± 0.5
150 ± 10
3 wires AWG26
Theoretical electrical travel
(TET)
Electrical continuity travel (ECT)
5 ± 0.5
Potting
(6)
Top
Bottom
Warning:
do not bend the product
in this direction



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com