Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTDF400AA170 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTDF400AA170
Description  Dual Common Anode diodes Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTDF400AA170 Datasheet(HTML) 3 Page - Advanced Power Technology

  APTDF400AA170 Datasheet HTML 1Page - Advanced Power Technology APTDF400AA170 Datasheet HTML 2Page - Advanced Power Technology APTDF400AA170 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APTDF400AA170
APT website – http://www.advancedpower.com
3 - 3
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
T
J=25°C
T
J=25°C
T
J=125°C
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF, Anode to Cathode Voltage (V)
Forward Current vs Forward Voltage
Trr vs. Current Rate of Charge
200 A
400 A
800 A
200
300
400
500
600
700
800
0
5000 10000 15000 20000 25000
-diF/dt (A/µs)
TJ=125°C
V
R=900V
QRR vs. Current Rate Charge
200 A
400 A
800 A
80
120
160
200
240
280
320
0
5000 10000 15000 20000 25000
-diF/dt (A/µs)
T
J=125°C
V
R=900V
IRRM vs. Current Rate of Charge
200 A
400 A
800 A
200
400
600
800
1000
1200
1400
1600
0
5000 10000 15000 20000 25000
-diF/dt (A/µs)
TJ=125°C
V
R=900V
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Case Temperature (ºC)
Max. Average Forward Current vs. Case Temp.
Duty Cycle = 0.5
TJ=150°C
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com