Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDTCEE Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDTCEE
Description  NPN PRE-BIASED TRANSISTOR IN SOT523
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTCEE Datasheet(HTML) 4 Page - Diodes Incorporated

  DDTCEE Datasheet HTML 1Page - Diodes Incorporated DDTCEE Datasheet HTML 2Page - Diodes Incorporated DDTCEE Datasheet HTML 3Page - Diodes Incorporated DDTCEE Datasheet HTML 4Page - Diodes Incorporated DDTCEE Datasheet HTML 5Page - Diodes Incorporated DDTCEE Datasheet HTML 6Page - Diodes Incorporated DDTCEE Datasheet HTML 7Page - Diodes Incorporated DDTCEE Datasheet HTML 8Page - Diodes Incorporated DDTCEE Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DDTC (R1 = R2 SERIES) EE
Document number: DS30313 Rev. 16 - 2
4 of 10
www.diodes.com
April 2021
© Diodes Incorporated
DDTC (R1 = R2 SERIES) EE
Typical Electrical Characteristics – DDTC123EE
0
20
10
I /I = 20
CB
150 C
°
75 C
°
25 C
°
-25 C
°
-55 C
°
VO V IO
IO OUTPUT CURRENT (mA)
10
1,000
100
1
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 3 Typical DC Current Gain vs. Collector Current
C
GI V IO
IO OUTPUT CURRENT (mA)
VO = 5V
0.1
1
10
100
0
10
I , COLLECTOR CURRENT (mA)
Fig. 5 Input Voltage vs. Collector Current
C
V
= 0.3V
CE
150 C
°
75 C
°
25 C
°
-25 C
°
-55 C
°
VI V IO
IO OUTPUT CURRENT (mA)
VO = 0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com