Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTECNA4M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CTECNA4M
Description  Surface Mount Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CTECNA4M Datasheet(HTML) 2 Page - Vishay Siliconix

  CTECNA4M Datasheet HTML 1Page - Vishay Siliconix CTECNA4M Datasheet HTML 2Page - Vishay Siliconix CTECNA4M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XOSM-531
www.vishay.com
Vishay Dale
Revision: 26-Apr-13
2
Document Number: 35059
For technical questions, contact: frequency@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
XOSM-531
B
R
E
50M
e4
MODEL
FREQUENCY STABILITY
OTR
ENABLE/DISABLE
FREQUENCY/MHz
JEDEC LEAD (Pb)-FREE
AA = 0.0025 % (25 ppm)
A = 0.005 % (50 ppm)
B = 0.01 % (100 ppm)
blank = standard
R = - 40 °C to + 85 °C
E = disable to tri-state
standard
GLOBAL PART NUMBER
XO
6
1
C
T
E
A
N
A
5
0
M
MODEL
FREQUENCY
STABILITY
OTR
ENABLE/
DISABLE
PACKAGE
CODE
OPTIONS
FREQUENCY
GLOBAL PART NUMBERING OPTIONS
XO
5
7
C
T
E
C
N
A
4
0
M
MODEL NUMBER
FREQUENCY
STABILITY
OPERATING
TEMPERATURE
(OTR)
ENABLE/
DISABLE
PACKAGE
CODE
OPTION
FREQUENCY
XO63 = XOSM-533
XO62 = XOSM-532
XO61 = XOSM-531
XO57 = XOSM-57
XO37 = XOSM-573
XO27 = XOSM-572
XO17 = XOSM-571
C = 0.01 %
(100 ppm)
D = 0.005 %
(50 ppm)
E = 0.0025 %
(25 ppm)
T = 0 °C to + 70 °C
R = - 40 °C to
+ 85 °C
E = Disable to
tristate
Tape and reel
H = RF7
Bulk
A = B04
(XO63, XO62,
XO61)
C = D06
(XO57, XO37,
XO27, XO17)
NA = No
additional
options
60 = 45/55
symmetry
4M = 4 MHz
40M = 40 MHz
100M =
100 MHz
12M288 =
12 288 MHz
Contact
factory for
all other
options
M is used as
decimal place
holder in
frequency
Example: XO57CTECNA40M
PART MARKING
Line 1:
M28__XXXXX (part number)
Line 2:
XX.XXXXM (frequency)
Line 3:
yywwvv (date/factory code)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com