Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471RB5RB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # PRF18BE471RB5RB
Description  PTC for Temperature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PRF18BE471RB5RB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  PRF18BE471RB5RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PRF18BE471RB5RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PRF18BE471RB5RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PRF18BE471RB5RB
Note: This datasheet may be out of date.
Please download the latest datasheet of PRF18BE471RB5RB from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PRF18BE471RB5RB
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated12/06/2022
Specifications
Max. Voltage
32V
Sensing Temperature
85
℃
Sensing Temperature
Tolerance
±3
℃
Measure Condition of
Sensing Temperature
at 4.7k ohm
Sensing Temperature(2)
100
℃
Sensing Temperature (2)
Tolerance
±7
℃
Measure Condition of
Sensing Temperature(2)
at 47k ohm
Resistance (25
℃)
470Ω
Resistance Value Tolerance
(at 25
℃)
±50%
Operating Temperature
Range
-20
℃ to 110℃
Size Code (in mm)
1.6x0.8mm
Size Code (in inch)
0.6x0.3inch
Shape
SMD
Mass
0.004g
MSL
1
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com