Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGF90TA60P Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTGF90TA60P
Description  Triple phase leg NPT IGBT Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF90TA60P Datasheet(HTML) 3 Page - Advanced Power Technology

  APTGF90TA60P Datasheet HTML 1Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 2Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 3Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 4Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 5Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTGF90TA60P
APT website – http://www.advancedpower.com
3 - 6
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 125°C
500
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 70°C
60
A
IF = 60A
1.6
1.8
IF = 120A
1.9
VF
Diode Forward Voltage
IF = 60A
Tj = 125°C
1.4
V
Tj = 25°C
130
trr
Reverse Recovery Time
Tj = 125°C
170
ns
Tj = 25°C
220
Qrr
Reverse Recovery Charge
IF = 60A
VR = 400V
di/dt =200A/µs
Tj = 125°C
920
nC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.3
RthJC
Junction to Case
Diode
0.9
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M6
3
5
N.m
Wt
Package Weight
250
g
Package outline
5 places (3:1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com