Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGF200U120D Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTGF200U120D
Description  Single Switch with Series diodes NPT IGBT Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF200U120D Datasheet(HTML) 2 Page - Advanced Power Technology

  APTGF200U120D Datasheet HTML 1Page - Advanced Power Technology APTGF200U120D Datasheet HTML 2Page - Advanced Power Technology APTGF200U120D Datasheet HTML 3Page - Advanced Power Technology APTGF200U120D Datasheet HTML 4Page - Advanced Power Technology APTGF200U120D Datasheet HTML 5Page - Advanced Power Technology APTGF200U120D Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTGF200U120D
APT website – http://www.advancedpower.com
2 – 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVCES
Collector - Emitter Breakdown Voltage
VGE = 0V, IC = 1.5mA
1200
V
Tj = 25°C
1.5
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 1200V
Tj = 125°C
7.0
mA
Tj = 25°C
3.2
3.7
VCE(on)
Collector Emitter on Voltage
VGE =15V
IC = 200A
Tj = 125°C
4.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 4mA
4.5
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = ±20V, VCE = 0V
±300
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
13.8
Coes
Output Capacitance
1.32
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
880
nF
Qg
Total gate Charge
1320
Qge
Gate – Emitter Charge
140
Qgc
Gate – Collector Charge
VGS = 15V
VBus = 600V
IC = 200A
800
nC
Td(on)
Turn-on Delay Time
35
Tr
Rise Time
65
Td(off)
Turn-off Delay Time
320
Tf
Fall Time
30
Eon
Turn-on Switching Energy
21.6
Eoff
Turn-off Switching Energy
Inductive Switching (125°C)
VGE = 15V
VBus = 600V
IC = 200A
RG = 1.2Ω
9.2
Td(on)
Turn-on Delay Time
35
Tr
Rise Time
65
Td(off)
Turn-off Delay Time
360
Tf
Fall Time
40
ns
Eon
Turn-on Switching Energy
27.9
Eoff
Turn-off Switching Energy
Inductive Switching (125°C)
VGE = 15V
VBus = 600V
IC = 200A
RG = 1.2Ω
12.2
mJ
Series diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Repetitive Reverse Voltage
1200
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 70°C
240
A
IF = 240A
2
2.5
IF = 480A
2.3
VF
Diode Forward Voltage
IF = 240A
Tj = 125°C
1.8
V
Tj = 25°C
400
trr
Reverse Recovery Time
IF = 240A
VR = 800V
di/dt =800A/µs
Tj = 125°C
470
ns
Tj = 25°C
4.8
Qrr
Reverse Recovery Charge
IF = 240A
VR = 800V
di/dt =800A/µs
Tj = 125°C
16
µC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com