Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S310 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # S310
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

S310 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  S310 Datasheet HTML 1Page - Pan Jit International Inc. S310 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
SK32 THRU S310
3.0
2.5
2.0
1.5
1.0
0.5
0
50
60
70
80
90
100 110 120 130 140 150
SINGLE PHASE HALF
60Hz RESISTIVE OR
INDUCTIVE LOAD P.C.B
MOUNTED ON
0.55×0.55"(14×14mm
COPPER PAD AREAS
LEAD TEMPERATURE, ¢J
50
10
1
0.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
SK32
SK36
S310
TJ = 25 ¢J
PULSE WIDTH = 300us
1% DUTY CYCLE
TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1000
800
600
400
200
100
80
60
40
20
10
0.1
1
4
10
40 60 100
TJ = 25 ¢J
SK32-SK34
SK35-S310
REVERSE VOLTAGE. VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
10
1.0
0.1
0.01
0.001
20
40
60
80
100
120
140
TA = 75 ¢J
TA = 25 ¢J
TA = 100 ¢J
SK32 - SK34
SK35 - S310
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
100
80
60
40
20
0
1
2
5
10
20
50
100
T
J = 150 ¢J
10ms SINGLE HALF
SINE-WAVE
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com