Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM10DAM02 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTM10DAM02
Description  Boost chopper MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM10DAM02 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTM10DAM02 Datasheet HTML 1Page - Advanced Power Technology APTM10DAM02 Datasheet HTML 2Page - Advanced Power Technology APTM10DAM02 Datasheet HTML 3Page - Advanced Power Technology APTM10DAM02 Datasheet HTML 4Page - Advanced Power Technology APTM10DAM02 Datasheet HTML 5Page - Advanced Power Technology APTM10DAM02 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTM10DAM02
APT website – http://www.advancedpower.com
2 - 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 100V
Tj = 25°C
400
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 80V
Tj = 125°C
2000
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 200A
2.25
2.5
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 10mA
2
4
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±400
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
40
Coss
Output Capacitance
15.7
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
5.9
nF
Qg
Total gate Charge
1360
Qgs
Gate – Source Charge
240
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 50V
ID = 400A
720
nC
Td(on)
Turn-on Delay Time
160
Tr
Rise Time
240
Td(off)
Turn-off Delay Time
500
Tf
Fall Time
Inductive switching
VGS = 15V
VBus = 66V
ID = 400A
RG = 1.25Ω
160
ns
Eon
Turn-on Switching Energy
2.2
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 66V
ID = 400A, RG =1.25Ω
2.41
mJ
Eon
Turn-on Switching Energy
2.43
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 66V
ID = 400A, RG = 1.25Ω
2.56
mJ
Eon includes diode reverse recovery.
In accordance with JEDEC standard JESD24-1.
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
200
V
Tj = 25°C
750
IRM
Maximum Reverse Leakage Current
VR=200V
Tj = 125°C
1000
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 80°C
400
A
IF = 400A
1
IF = 800A
1.4
VF
Diode Forward Voltage
IF = 400A
Tj = 125°C
0.9
V
Tj = 25°C
60
trr
Reverse Recovery Time
Tj = 125°C
110
ns
Tj = 25°C
800
Qrr
Reverse Recovery Charge
IF = 400A
VR = 133V
di/dt =800A/µs
Tj = 125°C
3360
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com