Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP065SC Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # TSP065SC
Description  SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP065SC Datasheet(HTML) 5 Page - Pan Jit International Inc.

  TSP065SC Datasheet HTML 1Page - Pan Jit International Inc. TSP065SC Datasheet HTML 2Page - Pan Jit International Inc. TSP065SC Datasheet HTML 3Page - Pan Jit International Inc. TSP065SC Datasheet HTML 4Page - Pan Jit International Inc. TSP065SC Datasheet HTML 5Page - Pan Jit International Inc. TSP065SC Datasheet HTML 6Page - Pan Jit International Inc. TSP065SC Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PAGE 5
Ver: June 2001
TSP058SC - TSP320SC
CAPACITANCE CHARACTERISTICS
F = 1 MHz, Vac = 15 mVrms
r
e
b
m
u
N
t
r
a
P
e
c
n
a
t
i
c
a
p
a
C
e
t
a
t
S
-
f
f
O
C
O
F
p
c
d
V
0
c
d
V
1
c
d
V
2
c
d
V
5
c
d
V
0
5
.
p
y
T
.
x
a
M
.
p
y
T
.
x
a
M
.
p
y
T
.
x
a
M
.
p
y
T
.
x
a
M
.
p
y
T
.
x
a
M
C
S
8
5
0
P
S
T
5
8
5
0
1
5
7
0
9
9
6
3
8
0
6
0
7
5
3
3
4
C
S
5
6
0
P
S
T0
81
0
11
76
85
69
76
56
64
30
4
C
S
5
7
0
P
S
T
8
7
5
9
5
6
0
8
9
5
3
7
0
5
0
6
0
3
7
3
C
S
0
9
0
P
S
T0
70
88
56
62
57
53
40
53
24
3
C
S
0
2
1
P
S
T
3
6
9
7
2
5
0
6
7
4
8
5
9
3
5
4
0
2
9
2
C
S
0
4
1
P
S
T1
68
70
58
55
46
56
34
49
18
2
C
S
0
6
1
P
S
T
8
5
5
7
8
4
6
5
3
4
3
5
4
3
3
4
9
1
7
2
C
S
0
9
1
P
S
T7
51
77
45
52
49
43
32
49
16
2
C
S
0
2
2
P
S
T
7
5
1
7
7
4
5
5
2
4
9
4
3
3
2
4
8
1
6
2
C
S
5
7
2
P
S
T6
50
76
45
52
49
42
32
48
15
2
C
S
0
2
3
P
S
T
6
5
0
7
6
4
5
5
1
4
9
4
2
3
2
4
7
1
4
2
MECHANICAL DATA
SMB / DO-214AA
Unit: inch ( mm )
.160 (4.06)
.185 (4.70)
.006 (.152)
.012 (.305)
.002(.051)
.008(.203)
.200 (5.08)
.220 (5.59)
.030 (0.76)
.050 (1.27)
• Case: JEDEC DO-214AA molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
• Polarity: Bi-directional Standard packaging: 12mm tape
(EIA-481)
• Weight: 0.003 ounce, 0.093 gram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com